Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K1R Datasheet(PDF) 10 Page - STMicroelectronics

Part # K1R
Description  2 Mb 256K x 8, Chip Erase FLASH MEMORY
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

K1R Datasheet(HTML) 10 Page - STMicroelectronics

Back Button K1R Datasheet HTML 6Page - STMicroelectronics K1R Datasheet HTML 7Page - STMicroelectronics K1R Datasheet HTML 8Page - STMicroelectronics K1R Datasheet HTML 9Page - STMicroelectronics K1R Datasheet HTML 10Page - STMicroelectronics K1R Datasheet HTML 11Page - STMicroelectronics K1R Datasheet HTML 12Page - STMicroelectronics K1R Datasheet HTML 13Page - STMicroelectronics K1R Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Symbol
Alt
Parameter
M28F201
Unit
-70
-90
VCC =5V
± 10% VCC =5V ± 10%
EPROM
Interface
EPROM
Interface
Min
Max
Min
Max
tVPHEL
VPP High to Chip Enable Low
1
1
µs
tVPHWL
VPP High to Write Enable Low
1
1
µs
tWHWH3
tWC
Write Cycle Time (W controlled)
70
90
ns
tEHEH3
tWC
Write Cycle Time (E controlled)
70
90
ns
tAVWL
tAS
Address Valid to Write Enable Low
0
0
ns
tAVEL
Address Valid to Chip Enable Low
0
0
ns
tWLAX
tAH
Write Enable Low to Address Transition
30
45
ns
tELAX
Chip Enable Low to Address Transition
30
45
ns
tELWL
tCS
Chip Enable Low to Write Enable Low
0
0
ns
tWLEL
Write Enable Low to Chip Enable Low
0
0
ns
tGHWL
Output Enable High to Write Enable Low
0
0
µs
tGHEL
Output Enable High to Chip Enable Low
0
0
µs
tDVWH
tDS
Input Valid to Write Enable High
30
45
ns
tDVEH
Input Valid to Chip Enable High
30
45
ns
tWLWH
tWP
Write Enable Low to Write Enable High (Write Pulse)
30
45
ns
tELEH
Chip Enable Low to Chip Enable High (Write Pulse)
50
60
ns
tWHDX
tDH
Write Enable High to Input Transition
10
10
ns
tEHDX
Chip Enable High to Input Transition
10
10
ns
tWHWH1
Duration of Program Operation (W contr.)
10
10
µs
tEHEH1
Duration of Program Operation (E contr.)
10
10
µs
tWHWH2
Duration of Erase Operation (W contr.)
9.5
9.5
ms
tEHEH2
Duration of Erase Operation (E contr.)
9.5
9.5
ms
tWHEH
tCH
Write Enable High to Chip Enable High
0
0
ns
tEHWH
Chip Enable High to Write Enable High
0
0
ns
tWHWL
tWPH
Write Enable High to Write Enable Low
10
20
ns
tEHEL
Chip Enable High to Chip Enable Low
10
20
ns
tWHGL
Write Enable High to Output Enable Low
6
6
µs
tEHGL
Chip Enable High to Output Enable Low
6
6
µs
tAVQV
tACC
Addess Valid to data Output
70
90
ns
tELQX
(1)
tLZ
Chip Enable Low to Output Transition
0
0
ns
tELQV
tCE
Chip Enable Low to Output Valid
70
90
ns
tGLQX
(1)
tOLZ
Output Enable Low to Output Transition
0
0
ns
tGLQV
tOE
Output Enable Low to Output Valid
25
30
ns
tEHQZ
(1)
Chip Enable High to Output Hi-Z
25
30
ns
tGHQZ
(1)
tDF
Output Enable High to Output Hi-Z
25
30
ns
tAXQX
tOH
Address Transition to Output Transition
0
0
ns
Note: 1. Sampled only, not 100% tested
Table 10A. Read/Write Mode AC Characteristics, W and E Controlled
(TA = 0 to 70
°C, –40 to 85 °C or –40 to 125 °C)
10/21
M28F201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com