Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K1R Datasheet(PDF) 4 Page - STMicroelectronics

Part # K1R
Description  2 Mb 256K x 8, Chip Erase FLASH MEMORY
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

K1R Datasheet(HTML) 4 Page - STMicroelectronics

  K1R Datasheet HTML 1Page - STMicroelectronics K1R Datasheet HTML 2Page - STMicroelectronics K1R Datasheet HTML 3Page - STMicroelectronics K1R Datasheet HTML 4Page - STMicroelectronics K1R Datasheet HTML 5Page - STMicroelectronics K1R Datasheet HTML 6Page - STMicroelectronics K1R Datasheet HTML 7Page - STMicroelectronics K1R Datasheet HTML 8Page - STMicroelectronics K1R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Command
Cycles
1st Cycle
2nd Cycle
Operation
A0-A17
DQ0-DQ7
Operation
A0-A17
DQ0-DQ7
Read
1
Write
X
00h
Electronic
Signature
(2)
2
Write
X
80h or 90h
Read
00000h
20h
Read
00001h
F4h
Setup Erase/
2
Write
X
20h
Erase
Write
X
20h
Erase Verify
2
Write
A0-A17
A0h
Read
X
Data Output
Setup Program/
2
Write
X
40h
Program
Write
A0-A17
Data Input
Program Verify
2
Write
X
C0h
Read
X
Data Output
Reset
2
Write
X
FFh
Write
X
FFh
Notes: 1. X = VIL or VIH.
2. Refer also to the Electronic Signature table.
Table 5. Commands (1)
Standby Mode. In the Standby Mode the maxi-
mum supply current is reduced. The device is
placed in the Standby Mode by applying a High
level to the Chip Enable (E) input. When in the
Standby Mode the outputs are in a high impedance
state, independant of the Output Enable (G) input.
Output Disable Mode. When the Output Enable
(G) is High the outputs are in a high impedance
state.
Electronic Signature Mode. This mode allows the
read out of two binary codes from the device which
identify the manufacturer and device type. This
mode is intended for use by programming equip-
ment to automatically select the correct erase and
programming algorithms. The Electronic Signature
Mode is active when a high voltage (11.5V to 13V)
is applied to address line A9 with E and G Low. With
A0 Low the output data is the manufacturer code,
when A0 is High the output is the device code. All
other address lines should be maintained Low
while reading the codes. The electronic signature
can also be accessed in Read/Write modes.
READ/WRITE MODES, 11.4V
≤ VPP ≤ 12.6V
When VPP is High both read and write operations
may be performed. These are defined by the con-
tents of an internal command register. Commands
may be written to this register to set-up and exe-
cute, Erase, Erase Verify, Program, Program Verify
and Reset modes. Each of these modes needs 2
cycles. Each mode starts with a write operation to
set-up the command, this is followed by either read
or write operations. The device expects the first
cycle to be a write operation and does not corrupt
data at any location in the memory. Read mode is
set-up with one cycle only and may be followed by
any number of read operations to output data.
Electronic Signature Read mode is set-up with one
cycle and followed by a read cycle to output the
manufacturer or device codes.
Awrite to the command register is made by bringing
W Low while E is Low. The falling edge of W latches
Addresses, while the rising edge latches Data,
which are used for those commands that require
address inputs, command input or provide data
output. The supply voltage VCC and the program
voltage VPP can be applied in any order. When the
device is powered up or when VPP is
≤ 6.5V the
contents of the command register defaults to 00h,
thus automatically setting-up Read operations. In
addition a specific command may be used to set
the command register to 00h for reading the mem-
ory. The system designer may chose to provide a
constant high VPP and use the register commands
for all operations, or to switch the VPP from low to
high only when needing to erase or program the
memory. All command register access is inhibited
when VCC falls below the Erase/Write Lockout Volt-
age (VLKO) of 2.5V.
If the device is deselected during Erasure, Pro-
gramming or verifying it will draw active supply
currents until the operations are terminated.
The device is protected against stress caused by
long erase or program times. If the end of Erase or
Programming operations are not terminated by a
Verify cycle within a maximum time permitted, an
internal stop timer automatically stops the opera-
tion. The device remains in an inactive state, ready
to start a Verify or Reset Mode operation.
4/21
M28F201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com