Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K1R Datasheet(PDF) 3 Page - STMicroelectronics

Part # K1R
Description  2 Mb 256K x 8, Chip Erase FLASH MEMORY
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

K1R Datasheet(HTML) 3 Page - STMicroelectronics

  K1R Datasheet HTML 1Page - STMicroelectronics K1R Datasheet HTML 2Page - STMicroelectronics K1R Datasheet HTML 3Page - STMicroelectronics K1R Datasheet HTML 4Page - STMicroelectronics K1R Datasheet HTML 5Page - STMicroelectronics K1R Datasheet HTML 6Page - STMicroelectronics K1R Datasheet HTML 7Page - STMicroelectronics K1R Datasheet HTML 8Page - STMicroelectronics K1R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature
–40 to 125
°C
TSTG
Storage Temperature
–65 to 150
°C
VIO
Input or Output Voltages
–0.6 to 7
V
VCC
Supply Voltage
–0.6 to 7
V
VA9
A9 Voltage
–0.6 to 13.5
V
VPP
Program Supply Voltage, during Erase
or Programming
–0.6 to 14
V
Note: Except for the rating ”Operating Temperature Range”, stresses above those listed in the Table ”Absolute Maximum Ratings” may
cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions above
those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum Rating conditions for extended
periods may affect device reliability. Refer also to the SGS-THOMSON SURE Program and other relevant quality documents.
Table 2. Absolute Maximum Ratings
Identifier
A0
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
Hex Data
Manufacturer’s Code
VIL
0
010
000
0
20h
Device Code
VIH
1
111
010
0
F4h
Table 4. Electronic Signature
VPP
Operation
E
G
W
A9
DQ0 - DQ7
Read Only
VPPL
Read
VIL
VIL
VIH
A9
Data Output
Output Disable
VIL
VIH
VIH
X
Hi-Z
Standby
VIH
X
X
X
Hi-Z
Electronic Signature
VIL
VIL
VIH
VID
Codes
Read/Write
(2)
VPPH
Read
VIL
VIL
VIH
A9
Data Output
Write
VIL
VIH
VIL Pulse
A9
Data Input
Output Disable
VIL
VIH
VIH
X
Hi-Z
Standby
VIH
X
X
X
Hi-Z
Notes: 1. X = VIL or VIH.
2. Refer also to the Command table.
Table 3. Operations
(1)
3/21
M28F201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com