Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K1R Datasheet(PDF) 9 Page - STMicroelectronics

Part # K1R
Description  2 Mb 256K x 8, Chip Erase FLASH MEMORY
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

K1R Datasheet(HTML) 9 Page - STMicroelectronics

Back Button K1R Datasheet HTML 5Page - STMicroelectronics K1R Datasheet HTML 6Page - STMicroelectronics K1R Datasheet HTML 7Page - STMicroelectronics K1R Datasheet HTML 8Page - STMicroelectronics K1R Datasheet HTML 9Page - STMicroelectronics K1R Datasheet HTML 10Page - STMicroelectronics K1R Datasheet HTML 11Page - STMicroelectronics K1R Datasheet HTML 12Page - STMicroelectronics K1R Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
AI00644
tWHGL
tVPHEL
00000h-00001h
tELQV
tEHQZ
tAVQV
A0-A17
E
G
DQ0-DQ7
DATA OUT
COMMAND
VPP
W
tAXQX
tGHQZ
tGLQV
READ
MANUFACTURER
OR DEVICE
READ ELECTRONIC
SIGNATURE SET-UP
tWLWH
tWHDX
tDVWH
tGHWL
tELWL
tWHEH
Figure 7. Electronic Signature Command Waveforms
Program and Program Verify Modes. The Pro-
gram Mode is set-up by writing 40h to the command
register. This is followed by a second write cycle
which latches the address and data of the byte to
be programmed. The rising edge of W during this
second cycle starts the programming operation.
Programming is followed by a Program Verify of the
data written.
Program Verify Mode is set-up by writing C0h to the
command register. The rising edge of W during the
set-up of the Program Verify Mode stops the Pro-
gramming operation. The following read cycle, of
the address already latched during programming,
is made with an internally generated margin volt-
age applied, reading valid data indicates that all bits
have been programmed.
Reset Mode. This command is used to safely abort
Erase or Program Modes. The Reset Mode is
set-up and performed by writing FFh two times to
the command register. The command should be
followed by writing a valid command to the the
command register (for example Read).
9/21
M28F201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com