Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPSERIES Datasheet (PDF) - Exxelia Group

OPSERIES Datasheet PDF - Exxelia Group
Part # OPSERIES
Download  OPSERIES Download
File Size   616.29 Kbytes
Page   16 Pages
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group
Description Open Mode Chips Capacitors

OPSERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
OPSERIES Datasheet PDF - Exxelia Group

Part # OPSERIES
Download  OPSERIES Click to download

File Size   616.29 Kbytes
Page   16 Pages
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group
Description Open Mode Chips Capacitors

OPSERIES Datasheet (HTML) - Exxelia Group


OPSERIES Product details

FEATURES
• Case sizes: 0805 to 2220
• NPO and X7R dielectrics
• Capacitance range: 1pF to 4.7μF
• Designed to signifi cantly minimize the probability of
short circuit or low IR failure due to board fl exion
• Ag/Pd/Pt, Ni barrier, epoxy terminations available
• RoHS and Non RoHS compliant capacitors available
• Screening in accordance with ESA specifi cations available




Similar Part No. - OPSERIES

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
OPS-0002K APITECH-OPS-0002K Datasheet
67Kb / 2P
PHASE SHIFTER DC TO 50 GHz, COAXIAL, OPTICAL COMMUNICATIONS
logo
Premium PSU
OPS-260 PSU-OPS-260 Datasheet
639Kb / 7P
OPS-260
OPS-260-7731 PSU-OPS-260-7731 Datasheet
639Kb / 7P
OPS-260
OPS-260-7733 PSU-OPS-260-7733 Datasheet
639Kb / 7P
OPS-260
OPS-260-7734 PSU-OPS-260-7734 Datasheet
639Kb / 7P
OPS-260
More results


Similar Description - OPSERIES

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805F102K1RAC KEMET-C0805F102K1RAC Datasheet
1Mb / 7P
CERAMIC OPEN MODE CAPACITORS
C0805F473M1RAC KEMET-C0805F473M1RAC Datasheet
95Kb / 2P
Open Mode Surface Mount Ceramic Chip Capacitors - X7R Dielectric
C1812F105K1RAC KEMET-C1812F105K1RAC Datasheet
473Kb / 2P
CERAMIC OPEN MODE CAPACITORS
logo
TDK Electronics
C5750X7R1C226KT5XXX TDK-C5750X7R1C226KT5XXX Datasheet
295Kb / 2P
Open Mode Capacitor
logo
MERITEK ELECTRONICS COR...
OP0805XR101K500 MERITEK-OP0805XR101K500 Datasheet
117Kb / 1P
Multilayer Ceramic Capacitors OPEN-MODE DESIGN
logo
Johanson Technology Inc...
201S43W184KVE JOHANSON-201S43W184KVE Datasheet
109Kb / 2P
Fail Open Capacitors
logo
Exxelia Group
CECCNC EXXELIA-CECCNC Datasheet
664Kb / 18P
Low and Medium Voltage Chips Capacitors
02/21
CERCNR EXXELIA-CERCNR Datasheet
611Kb / 16P
Low Inductance Chips Capacitors
02/21
CNCSERIES EXXELIA-CNCSERIES Datasheet
664Kb / 18P
Low and Medium Voltage Chips Capacitors
02/21
CSERIES EXXELIA-CSERIES Datasheet
848Kb / 18P
High Voltage Chips Capacitors
02/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com