Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPSERIES Datasheet(PDF) 2 Page - Exxelia Group

Part # OPSERIES
Description  Open Mode Chips Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

OPSERIES Datasheet(HTML) 2 Page - Exxelia Group

  OPSERIES Datasheet HTML 1Page - Exxelia Group OPSERIES Datasheet HTML 2Page - Exxelia Group OPSERIES Datasheet HTML 3Page - Exxelia Group OPSERIES Datasheet HTML 4Page - Exxelia Group OPSERIES Datasheet HTML 5Page - Exxelia Group OPSERIES Datasheet HTML 6Page - Exxelia Group OPSERIES Datasheet HTML 7Page - Exxelia Group OPSERIES Datasheet HTML 8Page - Exxelia Group OPSERIES Datasheet HTML 9Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CERAMIC CAPACITORS
29
www.exxelia.com
General characteristics
Page revised 02/21
General characteristics
STANDARD RATINGS
Size
0805
1206
1210
1812
2220
L
0.079 ± 0.012
(2 ± 0.3)
0.126 ± 0.01
(3.2 ± 0.25)
0.126 ± 0.016
(3.2 ± 0.4)
0.177 ± 0.02
(4.5 ± 0.5)
0.224 ± 0.02
(5.7 ± 0.5)
W
0.049 ± 0.008
(1.25 ± 0.2)
0.063 ± 0.006
(1.6 ± 0.15)
0.098 ± 0.012
(2.5 ± 0.3)
0.126 ± 0.016
(3.2 ± 0.4)
0.197 ± 0.02
(5 ± 0.5)
a
0.02 ± 0.012
(0.5 ± 0.3)
0.02 ± 0.012
(0.5 ± 0.3)
0.024 ± 0.016
(0.6 ± 0.4)
0.024 ± 0.016
(0.6 ± 0.4)
0.024 ± 0.016
(0.6 ± 0.4)
T max.
0.052
(1.3)
0.063
(1.6)
0.071
(1.8)
0.071
(1.8)
0.079
(2)
Dielectric
NPO
X7R
NPO
X7R
NPO
X7R
NPO
X7R
NPO
X7R
Min. Cap.value
1pF
10pF
1pF
100pF
10pF
180pF
47pF
470pF
100pF
1.2nF
10V
5.6nF
270nF
18nF
820nF
27nF
1.5
µF
47nF
2.7
µF
120nF
4.7
µF
16V
5.6nF
220nF
18nF
680nF
27nF
1.2
µF
47nF
2.2
µF
120nF
3.9
µF
25V
3.3nF
120nF
10nF
330nF
15nF
560nF
27nF
1
µF
56nF
2.2
µF
50V
1.8nF
68nF
4.7nF
150nF
6.8nF
330nF
12nF
680nF
27nF
1.5
µF
63V
1.5nF
39nF
3.9nF
82nF
5.6nF
180nF
10nF
390nF
22nF
820nF
100V
820pF
18nF
1.8nF
47nF
2.7nF
100nF
5.6nF
180nF
12nF
470nF
Available capacitance values:
NPO: E6, E12, E24, E48, E96 (See page 14). Specific values upon request.
X7R: E6, E12, E24 (See page 14). Specific values upon request.
The above table defines the standard products, other components may be built upon request.
Other temperature coefficients, temperature characteristic 2B1 and Bismuth free dielectrics are available: contact your sales representative.
Open Mode Chips Capacitors
OP Series
L, W, T for tinned chips (E, EW, H, HW): +0.02’’ (+0.5mm)
DIMENSIONS in inches (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com