Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPSERIES Datasheet(PDF) 1 Page - Exxelia Group

Part # OPSERIES
Description  Open Mode Chips Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

OPSERIES Datasheet(HTML) 1 Page - Exxelia Group

  OPSERIES Datasheet HTML 1Page - Exxelia Group OPSERIES Datasheet HTML 2Page - Exxelia Group OPSERIES Datasheet HTML 3Page - Exxelia Group OPSERIES Datasheet HTML 4Page - Exxelia Group OPSERIES Datasheet HTML 5Page - Exxelia Group OPSERIES Datasheet HTML 6Page - Exxelia Group OPSERIES Datasheet HTML 7Page - Exxelia Group OPSERIES Datasheet HTML 8Page - Exxelia Group OPSERIES Datasheet HTML 9Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CERAMIC CAPACITORS
28
www.exxelia.com
Taping : dimensions
Page revised 02/21
Taping : dimensions
FEATURES
• Case sizes: 0805 to 2220
• NPO and X7R dielectrics
• Capacitance range: 1pF to 4.7
µF
• Designed to significantly minimize the probability of
short circuit or low IR failure due to board flexion
• Ag/Pd/Pt, Ni barrier, epoxy terminations available
• RoHS and Non RoHS compliant capacitors available
• Screening in accordance with ESA specifications available
PHYSICAL CHARACTERISTICS
CONSTRUCTION
MLCC capacitors for surface mounting with optional
Nickel barrier
MARKING (on request)
Capacitance value code
ELECTRICAL SPECIFICATIONS
Description
NPO
X7R
Operating temperature
–55°C to +125°C*
–55°C to +125°C*
Climatic category
55 / 125 / 56
55 / 125 / 56
Rated voltage (URC)
10VDC to 100VDC
10VDC to 100VDC
Maximum ∆C/°C over temperature range
without DC voltage applied
NA
±15%
Temperature coefficient with
or without DC voltage applied
(0±30)ppm/°C
NA
Dielectric withstanding voltage
2.5 URC
2.5 URC
Capacitance
at 1MHz for C ≤ 1,000pF
at 1kHz for C > 1,000pF
at 1MHz for C ≤ 100pF
at 1kHz for C > 100pF
Dissipation factor at 25°C
≤ 0.015 (150/C + 7)% at 1MHz
for C ≤ 50pF
≤0.15% at 1MHz
for 50pF < C ≤ 1,000pF
≤0.15% at 1kHz
for C > 1,000pF
≤2.5% at 1MHz for C ≤ 100pF
≤2.5% at 1kHz for C > 100pF
Insulation resistance at 25°C under URC
≥ 100,000 MΩ for C ≤ 10nF
≥ 1,000 MΩ.
µF for C > 10nF
≥ 100,000 MΩ for C ≤ 10nF
≥ 1,000 MΩ.
µF for C > 10nF
Aging
None
≤ 2.5% per decade hour
Other temperature coefficients, temperature characteristics 2B1, BX, BR and Bismuth free dielectrics are available.
* Operating temperature up to 250°C available upon request. Contact your sales representative.
OP Series
Open Mode Chips Capacitors
HOW TO ORDER
OP
1210
X7R
C
M
F
270nF
10%
50V
S8
T5
Series
Size
Dielectric
Termination
Marking
Quality level
Capacitance
Tolerance
Rated voltage
Packaging
Reliability level
OP:
Open-
mode
0805
1206
1210
1812
2220
NPO
X7R
W = RoHS compliant
- = no marking
M = Marking:
capacitance
value coded
(from 0805 to 3040
sizes).
- = standard quality
level
F = Hi-Rel quality:
screening
in accordance with
Exxelia specification
Capacitance
value in clear
NPO:
cap. value ≤ 12pF
±0.25pF
cap. value ≤ 8.2pF
±0.5pF
±1pF
cap. value > 22pF
±1%
cap. value > 12pF
±2%
cap. value > 8.2pF
±5%
±10%
cap. value > 3.9pF
±20%
X7R:
±5%
±10%
±20%
10V
16V
25V
50V
100V
Intermediary
and higher
voltages
available on
request.
- = Exxelia packaging
S8* = available for
0402 to 1210 sizes.
S12* = available for
1812 to 2220 sizes.
BA* = available for
0402 to 2220 (except
0907) sizes.
* not available with
H, HW and E, EW
terminations
See page 13
For F parts only.
Acc. to Exxelia
spec.
-
T5
T6
See page 15
-
Ag/Pd/Pt
W
Ag/Pd/Pt
Q
Ag
*
QW
Ag
T
Ag + Ni +
dipped Sn/Pb
60/40
**
-
H
Ag/Pd/Pt +
dipped
Sn/Pb 60/40
HW
Ag/Pd/Pt
+ dipped Sn
C
Ag + Ni
+ electrolytic
Sn/Pb 95/5
CW
Ag + Ni
+ electrolytic
Sn
D
Ag + Ni
+ electrolytic
Sn/Pb 60/40
-
E
Ag + Ni
+ dipped
Sn/Pb 60/40
EW
Ag + Ni
+ electrolytic
Sn
G
Ag + Ni + Au
GW Ag + Ni + Au
YC
Ag + Polymer
+ Ni + Sn/Pb
95/5
YCW Ag + Polymer
+ Ni + Sn
YD
Ag + Polymer
+ Ni + Sn/Pb
60/40
-
YG Ag + Polymer
+ Ni + Au
YGW Ag + Polymer
+ Ni + Au
* Only 1812 to 3040 sizes
** Maintenance only


Similar Part No. - OPSERIES

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
OPS-0002K APITECH-OPS-0002K Datasheet
67Kb / 2P
PHASE SHIFTER DC TO 50 GHz, COAXIAL, OPTICAL COMMUNICATIONS
logo
Premium PSU
OPS-260 PSU-OPS-260 Datasheet
639Kb / 7P
OPS-260
OPS-260-7731 PSU-OPS-260-7731 Datasheet
639Kb / 7P
OPS-260
OPS-260-7733 PSU-OPS-260-7733 Datasheet
639Kb / 7P
OPS-260
OPS-260-7734 PSU-OPS-260-7734 Datasheet
639Kb / 7P
OPS-260
More results

Similar Description - OPSERIES

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805F102K1RAC KEMET-C0805F102K1RAC Datasheet
1Mb / 7P
CERAMIC OPEN MODE CAPACITORS
C0805F473M1RAC KEMET-C0805F473M1RAC Datasheet
95Kb / 2P
Open Mode Surface Mount Ceramic Chip Capacitors - X7R Dielectric
C1812F105K1RAC KEMET-C1812F105K1RAC Datasheet
473Kb / 2P
CERAMIC OPEN MODE CAPACITORS
logo
TDK Electronics
C5750X7R1C226KT5XXX TDK-C5750X7R1C226KT5XXX Datasheet
295Kb / 2P
Open Mode Capacitor
logo
MERITEK ELECTRONICS COR...
OP0805XR101K500 MERITEK-OP0805XR101K500 Datasheet
117Kb / 1P
Multilayer Ceramic Capacitors OPEN-MODE DESIGN
logo
Johanson Technology Inc...
201S43W184KVE JOHANSON-201S43W184KVE Datasheet
109Kb / 2P
Fail Open Capacitors
logo
Exxelia Group
CECCNC EXXELIA-CECCNC Datasheet
664Kb / 18P
Low and Medium Voltage Chips Capacitors
02/21
CERCNR EXXELIA-CERCNR Datasheet
611Kb / 16P
Low Inductance Chips Capacitors
02/21
CNCSERIES EXXELIA-CNCSERIES Datasheet
664Kb / 18P
Low and Medium Voltage Chips Capacitors
02/21
CSERIES EXXELIA-CSERIES Datasheet
848Kb / 18P
High Voltage Chips Capacitors
02/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com