Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC1175 Datasheet (PDF) - Texas Instruments

ADC1175 Datasheet PDF - Texas Instruments
Part # ADC1175
Download  ADC1175 Download
File Size   926.54 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC1175 8-Bit, 20MHz, 60mW A/D Converter

ADC1175 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC1175 Datasheet PDF - Texas Instruments

Part # ADC1175
Download  ADC1175 Click to download

File Size   926.54 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC1175 8-Bit, 20MHz, 60mW A/D Converter

ADC1175 Datasheet (HTML) - Texas Instruments


ADC1175 Product details

1FEATURES
2• Internal Sample-and-Hold Function
• Single +5V Operation
• Internal Reference Bias Resistors
• Industry Standard Pinout
• TRI-STATE Outputs

APPLICATIONS
• Video Digitization
• Digital Still Cameras
• Personal Computer Video Cameras
• CCD Imaging
• Electro-Optics

KEY SPECIFICATIONS
• Resolution 8Bits
• Maximum Sampling Frequency 20Msps (min)
• DNL 0.75 LSB (max)
• ENOB 7.5 Bits (typ)
• Ensured No Missing Codes
• Power Consumption (excluding IREF) 60mW
(typ)

DESCRIPTION
The ADC1175 is a low power, 20 Msps analog-to-
digital converter that digitizes signals to 8 bits while
consuming just 60 mW of power (typ). The ADC1175
uses a unique architecture that achieves 7.5 Effective
Bits. Output formatting is straight binary coding.
The excellent DC and AC characteristics of this
device, together with its low power consumption and
+5V single supply operation, make it ideally suited for
many video, imaging and communications
applications, including use in portable equipment.
Furthermore, the ADC1175 is resistant to latch-up
and the outputs are short-circuit proof. The top and
bottom of the ADC1175's reference ladder is available for connections, enabling a wide range of
input possibilities.
The ADC1175 is offered in a TSSOP. It is designed to operate over the commercial temperature range of
-20°C to +75°C.




Similar Part No. - ADC1175

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC1175 NSC-ADC1175 Datasheet
547Kb / 19P
8-Bit, 20MHz, 60mW A/D Converter
logo
Texas Instruments
ADC1175 TI1-ADC1175 Datasheet
1Mb / 29P
8-Bit, 20MHz, 60mW A/D Converter
logo
National Semiconductor ...
ADC1175-50 NSC-ADC1175-50 Datasheet
422Kb / 19P
8-Bit, 50 MSPS, 125 mW A/D Converter
ADC1175-50 NSC-ADC1175-50 Datasheet
403Kb / 20P
8-Bit, 50 MSPS, 125 mW A/D Converter
logo
Texas Instruments
ADC1175-50 TI-ADC1175-50 Datasheet
1Mb / 26P
ADC1175-50 8-Bit, 50 MSPS, 125 mW A/D Converter
JANUARY 2000-REVISED APRIL 2013
More results


Similar Description - ADC1175

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC1175 NSC-ADC1175 Datasheet
547Kb / 19P
8-Bit, 20MHz, 60mW A/D Converter
logo
fujitsu semiconductor
MB40C568 FUJITSU-MB40C568 Datasheet
162Kb / 12P
A/D Converter (1-channel, 8-bit, 20MHz)
logo
List of Unclassifed Man...
ADC-305 ETC-ADC-305 Datasheet
193Kb / 6P
8-Bit, 20MHz CMOS A/D Converters
ADC-228 ETC-ADC-228 Datasheet
143Kb / 4P
8-Bit, 20MHz, Complete 8-Bit, 20MHz, Complete Flash A/D Converter
logo
C&D Technologies
ADS-325A CANDD-ADS-325A Datasheet
145Kb / 8P
10-Bit, 20MHz Sampling A/D Converter
logo
Murata Power Solutions ...
ADC-228A MURATA-PS-ADC-228A Datasheet
177Kb / 4P
8-Bit, 20MHz, Complete Flash A/D Converter
ADC-305 MURATA-PS-ADC-305 Datasheet
234Kb / 6P
8-Bit, 20MHz CMOS A/D Converters
ADS-325A MURATA-PS-ADS-325A Datasheet
145Kb / 8P
10-Bit, 20MHz Sampling A/D Converter
logo
Texas Instruments
ADC1175-50CIMTX TI-ADC1175-50CIMTX Datasheet
1Mb / 26P
ADC1175-50 8-Bit, 50 MSPS, 125 mW A/D Converter
JANUARY 2000-REVISED APRIL 2013
ADC1175 TI1-ADC1175_14 Datasheet
1Mb / 29P
8-Bit, 20MHz, 60mW A/D Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com