Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3649 Datasheet (PDF) - Adafruit Industries

3649 Datasheet PDF - Adafruit Industries
Part # 3649
Download  3649 Download
File Size   151.96 Kbytes
Page   1 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description 64x64 RGB LED Matrix 2.5mm Pitch 1/32 Scan

3649 Datasheet (PDF)

Go To PDF Page Download Datasheet
3649 Datasheet PDF - Adafruit Industries

Part # 3649
Download  3649 Click to download

File Size   151.96 Kbytes
Page   1 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description 64x64 RGB LED Matrix 2.5mm Pitch 1/32 Scan

3649 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 3649

ManufacturerPart #DatasheetDescription
logo
Lumberg
3649 LUMBERG-3649 Datasheet
491Kb / 4P
RAST 5 connectors, pitch 5.0 mm
logo
Festo Corporation.
3649 FESTO-3649 Datasheet
77Kb / 1P
Reflex sensor
logo
Heyco.
3649 HEYCO-3649 Datasheet
139Kb / 1P
Tension Wire Clips - Nylon
logo
Festo Corporation.
36490 FESTO-36490 Datasheet
90Kb / 1P
Bellow cylinder
logo
ERNI Electronics
364903 ERNI-364903 Datasheet
57Kb / 1P
Male Con. E32 Solder
More results


Similar Description - 3649

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8390 PHILIPS-TDA8390 Datasheet
664Kb / 16P
PAL DECODER AND RGB MATRIX
fEBRUARY 1989
logo
Vitesse Semiconductor C...
VSC6464 VITESSE-VSC6464 Datasheet
90Kb / 10P
64x64 Crosspoint Switch
logo
List of Unclassifed Man...
TBA530 ETC1-TBA530 Datasheet
205Kb / 4P
RGB MATRIX PRE - AMPLIFIER
logo
OptoSupply Internationa...
OSPPR3XT5-TCXBEAC1E OPTOSUPPLY-OSPPR3XT5-TCXBEAC1E Datasheet
106Kb / 1P
3PCS Xeon 1 Power RGB LED
logo
LightKey Optoelectronic...
LM23088BURPGUB LIGHTKEY-LM23088BURPGUB Datasheet
159Kb / 3P
2.30 inch 8x8 RGB Dot Matrix LED Display
logo
BetLux Electronics
BL-M23A881XXX BETLUX-BL-M23A881XXX Datasheet
333Kb / 4P
60.20mm (2.3) :u5.0 dot matrix LED display, RGB COLOR
REV NO: V.4
logo
STMicroelectronics
STEVAL-ILL061V1 STMICROELECTRONICS-STEVAL-ILL061V1 Datasheet
159Kb / 7P
High brightness 4x4 RGB LED matrix
15-Oct-2013
logo
Texas Instruments
LED171596A TI1-LED171596A Datasheet
1Mb / 153P
96-LED Matrix Driver for RGB and White LEDs
logo
SparkFun Electronics
COM-14646 SPARKFUN-COM-14646 Datasheet
385Kb / 2P
RGB LED Matrix Panel - 32x32
3-19-18
COM-14718 SPARKFUN-COM-14718 Datasheet
365Kb / 3P
RGB LED Matrix Panel - 32x64
5-15-18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com