Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGH1 Datasheet (PDF) - BeRex Corporation

BGH1 Datasheet PDF - BeRex Corporation
Part # BGH1
Download  BGH1 Download
File Size   1931.49 Kbytes
Page   16 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 40-5000 MHz BROADBAND AMPLIFIER

BGH1 Datasheet (PDF)

Go To PDF Page Download Datasheet
BGH1 Datasheet PDF - BeRex Corporation

Part # BGH1
Download  BGH1 Click to download

File Size   1931.49 Kbytes
Page   16 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 40-5000 MHz BROADBAND AMPLIFIER

BGH1 Datasheet (HTML) - BeRex Corporation


BGH1 Product details

Product Description
The BGH1 is a BroadBand, HBT Amplifier that is ideal for applications demanding high linearity in a wideband of 40-5000 MHz. The product is targeted for using as low current gain block amplifier for wireless infrastructure applications.
The BGH1 is internally matched to 50 Ohms and requires no external matching components. It is available in RoHS2-compliant SOT363 SMT package. These devices are 100% DC and RF tested to assure quality and performance.

Applications
• Mobile Infrastructure
• LTE / WCDMA / EDGE / 5G NR / WIFI
• General Purpose Wireless

Device Features
• Single Fixed 3.3V supply
• Supply current = 31mA
• Gain = 20.5 dB @ 1900MHz
• Output P1 dB = 14.2 dBm @ 1900MHz
• LTE 20MHz ACLR = 3.4 dBm @ 1900MHz
• Internally matched to 50 ohms
• RoHS2-compliant SOT-363 SMT package




Similar Part No. - BGH1

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BGH5 BEREX-BGH5 Datasheet
1Mb / 15P
40-6000 MHz BROADBAND AMPLIFIER
Rev. 1.2
logo
BASIC SEMICONDUCTOR
BGH50N65HF1 BASICSEMI-BGH50N65HF1 Datasheet
2Mb / 13P
Hybrid SiC Discrete Devices
Rev. 0.1
BGH50N65HS1 BASICSEMI-BGH50N65HS1 Datasheet
2Mb / 12P
Hybrid SiC Discrete Devices
Rev. 0.1
BGH50N65ZF1 BASICSEMI-BGH50N65ZF1 Datasheet
2Mb / 12P
Hybrid SiC Discrete Devices
Rev. 0.1
logo
BeRex Corporation
BGH7 BEREX-BGH7 Datasheet
3Mb / 16P
10-4200 MHz BROADBAND AMPLIFIER
Rev. 0.2
More results


Similar Description - BGH1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RA53 MACOM-RA53 Datasheet
395Kb / 2P
Cascadable Amplifier 1000 to 5000 MHz
logo
Advanced Semiconductor ...
ASX201 ASB-ASX201 Datasheet
512Kb / 21P
250 ~ 5000 MHz MMIC Amplifier
September 2013
logo
Teledyne Technologies I...
A2CP5008 TELEDYNE-A2CP5008 Datasheet
109Kb / 1P
2000-5000 MHz COUGARPAK??AMPLIFIER
A2CP5009 TELEDYNE-A2CP5009 Datasheet
108Kb / 1P
2000-5000 MHz COUGARPAK??AMPLIFIER
A2CP5021 TELEDYNE-A2CP5021 Datasheet
100Kb / 1P
1000 TO 5000 MHz COUGARPAK??AMPLIFIER
A2CP5121 TELEDYNE-A2CP5121 Datasheet
100Kb / 1P
300 TO 5000 MHz COUGARPAK??AMPLIFIER
logo
Advanced Semiconductor ...
ASX201 ASB-ASX201_17 Datasheet
1Mb / 22P
250 ~ 5000 MHz MMIC Amplifier
February 2017
logo
BeRex Corporation
BBA02 BEREX-BBA02 Datasheet
1Mb / 21P
40-6000 MHz BroadBand AMP
BBA02 BEREX-BBA02_18 Datasheet
1Mb / 21P
40-6000 MHz BroadBand AMP
logo
Qorvo, Inc
QPA0363A QORVO-QPA0363A Datasheet
880Kb / 7P
DC ??5000 MHz Cascadable SiGe HBT Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com