Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1106 Datasheet (PDF) - Texas Instruments

TUSB1106 Datasheet PDF - Texas Instruments
Part # TUSB1106
Download  TUSB1106 Download
File Size   430.36 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS

TUSB1106 Datasheet (PDF)

Go To PDF Page Download Datasheet
TUSB1106 Datasheet PDF - Texas Instruments

Part # TUSB1106
Download  TUSB1106 Click to download

File Size   430.36 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS

TUSB1106 Datasheet (HTML) - Texas Instruments


TUSB1106 Product details

1FEATURES
• Qualified for Automotive Applications
• Compatible With Universal Serial Bus
Specification Rev. 2.0
• Transmit and Receive Serial Data at Both
Full-Speed (12-Mbit/s) and Low-Speed
(1.5-Mbit/s) Data Rates
• Integrated Bypassable 5-V to 3.3-V Voltage
Regulator for Powering Via USB VBUS
• VBUS Disconnection Indication Through VP and
VM
• Used as USB Device Transceiver or USB Host
Transceiver
• Stable RCV Output During SE0 Condition
• Two Single-Ended Receivers With Hysteresis
• Low-Power Operation, Ideal for Portable
Equipment
• Support I/O Voltage Range From 1.65 V to
3.6 V
Available in a Thin Shrink Small-Outline
Package [TSSOP (PW)]

DESCRIPTION
The TUSB1106-Q1 universal serial bus (USB) transceiver is compliant with the Universal Serial Bus Specification
Rev. 2.0. This device can transmit and receive serial data at both full-speed (12-Mbit/s) and low-speed
(1.5-Mbit/s) data rates. The TUSB1106-Q1 can be used as USB device transceiver or USB host transceiver.
The device allows USB application-specific ICs (ASICs) and programmable logic devices (PLDs), with
power-supply voltages from 1.65 V to 3.6 V, to interface with the physical layer (PHY) of the universal serial bus.
It has an integrated 5-V to 3.3-V voltage regulator for direct powering via the USB supply VBUS.
The TUSB1106-Q1 allows only differential input mode and is available in a PW package.
The TUSB1106-Q1 is ideal for portable electronic devices such as mobile phones, personal digital assistants,
information appliances, and digital still cameras.




Similar Part No. - TUSB1106

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1106 TI-TUSB1106 Datasheet
894Kb / 30P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
TUSB1106 TI-TUSB1106 Datasheet
1Mb / 33P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
TUSB1106 TI-TUSB1106 Datasheet
1Mb / 34P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
TUSB1106-Q1 TI1-TUSB1106-Q1 Datasheet
594Kb / 24P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
TUSB1106IPWRQ1 TI1-TUSB1106IPWRQ1 Datasheet
594Kb / 24P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
More results


Similar Description - TUSB1106

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1105 PHILIPS-ISP1105 Datasheet
588Kb / 24P
Advanced Universal Serial Bus transceivers
Rev. 06-30 November 2001
ISP1107 PHILIPS-ISP1107 Datasheet
536Kb / 19P
Advanced Universal Serial Bus transceiver
Rev. 01-23 February 2000
ISP1104 PHILIPS-ISP1104 Datasheet
494Kb / 19P
Advanced Universal Serial Bus transceiver
Rev. 02-14 October 2003
logo
Texas Instruments
TUSB1105 TI-TUSB1105 Datasheet
894Kb / 30P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
TUSB2551 TI-TUSB2551 Datasheet
530Kb / 18P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
TUSB2551A TI-TUSB2551A Datasheet
834Kb / 20P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
TUSB1105 TI-TUSB1105_10 Datasheet
1Mb / 33P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
TUSB1106 TI-TUSB1106_10 Datasheet
1Mb / 34P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
logo
NXP Semiconductors
ISP1102A NXP-ISP1102A Datasheet
168Kb / 25P
Advanced Universal Serial Bus transceiver
Rev. 01-15 February 2007
logo
Texas Instruments
TUSB1106-Q1 TI1-TUSB1106-Q1 Datasheet
594Kb / 24P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com