Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1106 Datasheet(PDF) 3 Page - Texas Instruments

Part # TUSB1106
Description  ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1106 Datasheet(HTML) 3 Page - Texas Instruments

  TUSB1106 Datasheet HTML 1Page - Texas Instruments TUSB1106 Datasheet HTML 2Page - Texas Instruments TUSB1106 Datasheet HTML 3Page - Texas Instruments TUSB1106 Datasheet HTML 4Page - Texas Instruments TUSB1106 Datasheet HTML 5Page - Texas Instruments TUSB1106 Datasheet HTML 6Page - Texas Instruments TUSB1106 Datasheet HTML 7Page - Texas Instruments TUSB1106 Datasheet HTML 8Page - Texas Instruments TUSB1106 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
TUSB1106-Q1
www.ti.com
SCAS916
– AUGUST 2011
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
Output enable (CMOS level with respect to VCC(I/O), active LOW). Enables the transceiver to
OE
3
I
transmit data on the USB bus input pad. Push pull, CMOS.
Differential data receiver (CMOS level with respect to VCC(I/O)). Driven LOW when input
RCV
4
O
SUSPND is HIGH. The output state of RCV is preserved and stable during an SE0 condition
output pad. Push pull, 4-mA output drive, CMOS.
Single-ended D+ receiver (CMOS level with respect to V). For external detection of single-ended
VP
5
O
zero (SE0), error conditions, speed of connected device. Driven HIGH when no supply voltage
is connected to VCC(5.0) and Vreg(3.3) output pad. Push pull, 4-mA output drive, CMOS.
Single-ended D
– receiver (CMOS level with respect to VCC(I/O)). For external detection of
single-ended zero (SE0), error conditions, speed of connected device. Driven HIGH when no
VM
6
O
supply voltage is connected to VCC(5.0) and Vreg(3.3) output pad. Push pull, 4-mA output drive,
CMOS.
Suspend (CMOS level with respect to VCC(I/O)). A HIGH level enables low-power state while the
SUSPND
7
I
USB bus is inactive and drives output RCV to a LOW-level input pad. Push pull, CMOS.
Mode (CMOS level with respect to VCC(I/O)). A HIGH level enables the differential input mode
MODE
I
(VPO, VMO), whereas a LOW level enables a single-ended input mode (VO, FSE0). See Table
5 and Table 6 input pad. Push pull, CMOS.
GND
8
Ground supply
Supply voltage for digital I/O pins (1.65 to 3.6 V). When VCC(I/O) is not connected, the D+ and
VCC(I/O)
9
D
– pins are in 3-state. This supply pin is independent of VCC(5.0) and Vreg(3.3) and must never
exceed the Vreg(3.3) voltage.
Speed selection (CMOS level with respect to VCC(I/O)). Adjusts the slew rate of differential data
outputs D+ and D
– according to the transmission speed. Input pad, push pull, CMOS.
SPEED
10
I
LOW
– low speed (1.5 Mbit/s)
HIGH
– full speed (12 Mbit/s)
Negative USB data bus connection (analog, differential). For low-speed mode, connect to pin
D
–
11
AI/O
Vpu(3.3) via a 1.5-kΩ resistor.
Positive USB data bus connection (analog, differential). For full-speed mode, connect to pin
D+
12
AI/O
Vpu(3.3) via a 1.5-kΩ resistor.
VPO/VO
I
Driver data (CMOS level with respect to VCC(I/O), Schmitt trigger). See Driving Function table.
Push pull, CMOS.
VPO
13
VMO/FSE0
I
Driver data (CMOS level with respect to VCC(I/O), Schmitt trigger). See Driving Function table.
Push pull, CMOS.
VMO
14
Internal regulator option. Regulated supply-voltage output (3 V to 3.6 V) during 5-V operation. A
decoupling capacitor of at least 0.1 mF is required for the regulator bypass option. Used as a
Vreg(3.3)
15
supply-voltage input for
3.3 V
± 10% operation.
Internal regulator option. Supply-voltage input (4 V to 5.5 V). Can be connected directly to USB
VCC(5.0)
16
supply VBUS regulator bypass option. Connect to Vreg(3.3).
Pullup supply voltage (3.3 V
± 10%). Connect an external 1.5-kΩ resistor on D+ (full speed) or
D
– (low speed). Pin function is controlled by input SOFTCON.
Vpu(3.3)
1
SOFTCON = LOW
– Vpu(3.3) floating (high impedance), ensures zero pullup current
SOFTCON = HIGH
– Vpu(3.3) = 3.3 V, internally connected to Vreg(3.3)
Software-controlled USB connection. A HIGH level applies 3.3 V to pin Vpu(3.3), which is
SOFTCON
2
I
connected to an external 1.5-k
Ω pullup resistor. This allows USB connect/disconnect signaling
to be controlled by software input pad. Push pull, CMOS.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TUSB1106-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com