Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1106 Datasheet(PDF) 4 Page - Texas Instruments

Part # TUSB1106
Description  ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1106 Datasheet(HTML) 4 Page - Texas Instruments

  TUSB1106 Datasheet HTML 1Page - Texas Instruments TUSB1106 Datasheet HTML 2Page - Texas Instruments TUSB1106 Datasheet HTML 3Page - Texas Instruments TUSB1106 Datasheet HTML 4Page - Texas Instruments TUSB1106 Datasheet HTML 5Page - Texas Instruments TUSB1106 Datasheet HTML 6Page - Texas Instruments TUSB1106 Datasheet HTML 7Page - Texas Instruments TUSB1106 Datasheet HTML 8Page - Texas Instruments TUSB1106 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
TUSB1106-Q1
SCAS916
– AUGUST 2011
www.ti.com
FUNCTIONAL DESCRIPTION
Function Selection
FUNCTION TABLE
SUSPND
OE
D+, D
–
RCV
VP, VM
FUNCTION
L
L
Driving and receiving
Active
Active
Normal driving (differential receiver active)
L
H
Receiving(1)
Active
Active
Receiving
H
L
Driving
Inactive(2)
Active
Driving during suspend(3) (differential receiver inactive)
H
H
High-Z(1)
Inactive(2)
Active
Low-power state
(1)
Signal levels on D+ and D
– are determined by other USB devices and external pullup/pulldown resistors.
(2)
In suspend mode (SUSPND = HIGH) the differential receiver is inactive and output RCV is always LOW. Out of suspend (K), signaling is
detected via the single-ended receivers VP and VM.
(3)
During suspend, the slew-rate control circuit of low-speed operation is disabled. The D+ and D
– lines are still driven to their intended
states, without slew-rate control. This is permitted because driving during suspend is used to signal remote wakeup by driving a K signal
(one transition from idle to K state) for a period of 1 ms to 15 ms.
Operating Functions
Driving Function (Pin OE = L)
Using Differential Input Data Interface
DATA STATE
VMO
VPO
DATA
LOW SPEED
FULL SPEED
L
L
SE0
X
X
H
L
Differential logic 0
J
K
L
H
Differential logic 1
K
J
H
H
Illegal state
X
X
Table 1. Receiving Function (Pin OE = H)
DATA STATE
D+, D
–
RCV
VP(1)
VM(1)
LOW
FULL
SPEED
SPEED
Differential
L
L
H
J
K
logic 0
Differential
H
H
L
K
J
logic 1
SE0
RCV*(2)
L
L
X
X
(1)
VP = VM = H indicates the sharing mode (VCC(5.0) and Vreg(3.3) are
disconnected).
(2)
RCV* denotes the signal level on output RCV just before SE0 state
occurs. This level is stable during the SE0 period.
Power-Supply Configurations
The TUSB1106-Q1 can be used with different power-supply configurations, which can be dynamically changed.
An overview is given in Table 3.
•
Normal mode
– Both VCC(I/O) and VCC(5.0) or (VCC(5.0) and Vreg(3.3)) are connected. For 5-V operation, VCC(5.0) is
connected to a 5-V source (4 V to 5.5 V). The internal voltage regulator then produces 3.3 V for the USB
connections. For 3.3-V operation, both VCC(5.0) and Vreg(3.3) are connected to a 3.3-V source (3 V to 3.6 V).
VCC(I/O) is independently connected to a voltage source (1.65 V to 3.6 V), depending on the supply voltage of
the external circuit.
•
Disable mode
– VCC(I/O) is not connected, VCC(5.0) or (VCC(5.0) and Vreg(3.3)) are connected. In this mode, the
internal circuits of the TUSB1106-Q1 ensure that the D+ and D
– pins are in 3-state and the power
consumption drops to the low-power (suspended) state level. Some hysteresis is built into the detection of
VCC(I/O) lost.
•
Sharing mode
– VCC(I/O) is connected, (VCC(5.0) and Vreg(3.3)) are not connected. In this mode, the D+ and D–
pins are made 3-state and the TUSB1106-Q1 allows external signals of up to 3.6 V to share the D+ and D
–
4
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TUSB1106-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com