Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1106 Datasheet(PDF) 16 Page - Texas Instruments

Part # TUSB1106
Description  ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1106 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TUSB1106 Datasheet HTML 12Page - Texas Instruments TUSB1106 Datasheet HTML 13Page - Texas Instruments TUSB1106 Datasheet HTML 14Page - Texas Instruments TUSB1106 Datasheet HTML 15Page - Texas Instruments TUSB1106 Datasheet HTML 16Page - Texas Instruments TUSB1106 Datasheet HTML 17Page - Texas Instruments TUSB1106 Datasheet HTML 18Page - Texas Instruments TUSB1106 Datasheet HTML 19Page - Texas Instruments TUSB1106 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
V
(3.3)
PU
SPEED
SOFTCON
RCV
VPO/VO
VP
VM
1.65 V to 3.6 V
System ASIC
D–
D+
1.5 kW
V
BUS
V
CC(5.0)
OE
V
reg(3.3)
SUSPND
VMO/FSE0
V
CC(I/O)
0.1 µF
0.1 µF
0.1 µF
V
CC
33 W
33 W
TUSB1106-Q1
GND
GND
GND
GND
GND
TUSB1106-Q1
SCAS916
– AUGUST 2011
www.ti.com
Figure 11. Peripheral-Side (Low-Speed) Internal Regulator Mode
Peripheral-Side (Low-Speed) Internal Regulator Mode
The USB side of the TUSB1106-Q1 can be powered from the VBUS line directly if a 3.3-V supply is not present on
board. In this case, the internal regulator can be used to provide the 3.3-V supply for the USB signaling. The
VCC(5.0) is connected to the VBUS, which receives 5-V supply from the host, and generates the 3.3-V output at the
Vreg(3.3) pin. In this mode, it is important that both VCC(5.0) and Vreg(3.3) pins have individual bypass capacitors in
the range of 0.1
μF. Powering VCC(5.0) through the VBUS port of the USB connector realizes significant power
saving for portable applications, such as cell phones, PDAs, etc. In this operating mode, the ICC(5.0) current is fed
from the host side. The USB-side power consumption, ICC(5.0) is 4 mA (with the regulator active), as opposed to
logic-side ICC(IO) of 1 mA under full-speed operation. While operating at low speed, the 1.5-kΩ resistor must be
connected between the D
– line and the VPU(3.3) or an external 3.3-V supply.
16
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TUSB1106-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com