Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3826 Datasheet (PDF) - Adafruit Industries

3826 Datasheet PDF - Adafruit Industries
Part # 3826
Download  3826 Download
File Size   624.51 Kbytes
Page   3 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description 64x32 Flexible RGB LED Matrix - 4mm Pitch

3826 Datasheet (PDF)

Go To PDF Page Download Datasheet
3826 Datasheet PDF - Adafruit Industries

Part # 3826
Download  3826 Click to download

File Size   624.51 Kbytes
Page   3 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description 64x32 Flexible RGB LED Matrix - 4mm Pitch

3826 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 3826

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
3826A RENESAS-3826A Datasheet
986Kb / 93P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826 RENESAS-3826_01 Datasheet
1Mb / 80P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826 RENESAS-3826_07 Datasheet
280Kb / 12P
Difference among various products
More results


Similar Description - 3826

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
LM-FB20F-12 CML-LM-FB20F-12 Datasheet
233Kb / 1P
Flexible Bar LED Module - Full Colour(RGB)
logo
List of Unclassifed Man...
RW1065 ETC2-RW1065 Datasheet
258Kb / 6P
64x32 Dot Matrix LCD Controller / Driver
logo
LightKey Optoelectronic...
LM23088BURPGUB LIGHTKEY-LM23088BURPGUB Datasheet
159Kb / 3P
2.30 inch 8x8 RGB Dot Matrix LED Display
logo
BetLux Electronics
TLS-SMD-10F-RGB BETLUX-TLS-SMD-10F-RGB Datasheet
96Kb / 2P
LED strip light, RGB color, Top LED type, Flexible
REV NO: V.2
TLS-SMD-10F-RGB-30N BETLUX-TLS-SMD-10F-RGB-30N Datasheet
101Kb / 1P
LED strip light, RGB color, Top LED type, Flexible
REV NO: V.2
TLS-SMD-10F-RGB-60N BETLUX-TLS-SMD-10F-RGB-60N Datasheet
109Kb / 2P
LED strip light, RGB color, Top LED type, Flexible
REV NO: V.2
logo
LightKey Optoelectronic...
LML4P6432RGB-0505 LIGHTKEY-LML4P6432RGB-0505 Datasheet
204Kb / 3P
P4 Indoor 64x32 RGB LED Display Module
logo
STMicroelectronics
STEVAL-ILL061V1 STMICROELECTRONICS-STEVAL-ILL061V1 Datasheet
159Kb / 7P
High brightness 4x4 RGB LED matrix
15-Oct-2013
logo
SparkFun Electronics
COM-14646 SPARKFUN-COM-14646 Datasheet
385Kb / 2P
RGB LED Matrix Panel - 32x32
3-19-18
COM-14718 SPARKFUN-COM-14718 Datasheet
365Kb / 3P
RGB LED Matrix Panel - 32x64
5-15-18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com