Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC14L040 Datasheet (PDF) - Texas Instruments

ADC14L040 Datasheet PDF - Texas Instruments
Part # ADC14L040
Download  ADC14L040 Download
File Size   968.07 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC14L040 14-Bit, 40 MSPS, 235 mW A/D Converter

ADC14L040 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC14L040 Datasheet PDF - Texas Instruments

Part # ADC14L040
Download  ADC14L040 Click to download

File Size   968.07 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC14L040 14-Bit, 40 MSPS, 235 mW A/D Converter

ADC14L040 Datasheet (HTML) - Texas Instruments


ADC14L040 Product details

1FEATURES
2• Single +3.3V Supply Operation
• Internal Sample-and-Hold
• Internal Reference
• Outputs 2.4V to 3.6V Compatible
• Duty Cycle Stabilizer
• Power Down Mode

APPLICATIONS
• Medical Imaging
• Instrumentation
• Communications
• Digital Video

KEY SPECIFICATIONS
• Resolution 14 Bits
• DNL ±0.5 LSB (typ)
• SNR (fIN = 10 MHz) 74 dB (typ)
• SFDR (fIN = 10 MHz) 90 dB (typ)
• Data Latency 7 Clock Cycles
• Power Consumption
– Operating 235 mW (typ)
– Power Down Mode 15 mW (typ)

DESCRIPTION
The ADC14L040 is a low power monolithic CMOS
analog-to-digital converter capable of converting
analog input signals into 14-bit digital words at 40
Megasamples per second (MSPS). This converter
uses a differential, pipeline architecture with digital
error correction and an on-chip sample-and-hold circuit to minimize power consumption while providing
excellent dynamic performance and a 150 MHz Full
Power Bandwidth. Operating on a single +3.3V power
supply, the ADC14L040 achieves 11.9 effective bits
at nyquist and consumes just 235 mW at 40 MSPS .
The Power Down feature reduces power consumption
to 15 mW.
The differential inputs provide a full scale differential
input swing equal to 2 times VREF with the possibility
of a single-ended input. Full use of the differential
input is recommended for optimum performance.
Duty cycle stabilization and output data format are selectable using a quad state function pin. The output
data can be set for offset binary or two's complement.
To ease interfacing to lower voltage systems, the
digital output driver power pins of the ADC14L040
can be connected to a separate supply voltage in the
range of 2.4V to the analog supply voltage.
This device is available in the 32-lead LQFP package
and will operate over the industrial temperature range
of −40°C to +85°C. An evaluation board is available
to ease the evaluation process.




Similar Part No. - ADC14L040

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC14L040 NSC-ADC14L040 Datasheet
909Kb / 23P
14-Bit, 40 MSPS, 235 mW A/D Converter
logo
Texas Instruments
ADC14L040 TI1-ADC14L040 Datasheet
813Kb / 33P
14-Bit, 40 MSPS, 235 mW A/D Converter
ADC14L040 TI1-ADC14L040 Datasheet
821Kb / 30P
235 mW A/D Converter
logo
National Semiconductor ...
ADC14L040CIVY NSC-ADC14L040CIVY Datasheet
909Kb / 23P
14-Bit, 40 MSPS, 235 mW A/D Converter
logo
Texas Instruments
ADC14L040CIVY/NOPB TI1-ADC14L040CIVY/NOPB Datasheet
821Kb / 30P
235 mW A/D Converter
More results


Similar Description - ADC14L040

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC14071 NSC-ADC14071 Datasheet
427Kb / 18P
14-Bit, 7 MSPS, 380 mW A/D Converter
logo
Analog Devices
AD6644 AD-AD6644 Datasheet
1Mb / 19P
14-Bit, 40 MSPS/65 MSPS A/D Converter
logo
National Semiconductor ...
ADC14L020 NSC-ADC14L020 Datasheet
915Kb / 23P
14-Bit, 20 MSPS, 150 mW A/D Converter
ADC14L040 NSC-ADC14L040 Datasheet
909Kb / 23P
14-Bit, 40 MSPS, 235 mW A/D Converter
logo
Analog Devices
AD9244 AD-AD9244_05 Datasheet
1Mb / 36P
14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
logo
Texas Instruments
ADC14L020 TI1-ADC14L020_14 Datasheet
803Kb / 33P
14-Bit, 20 MSPS, 150 mW A/D Converter
ADC14L040 TI1-ADC14L040_14 Datasheet
813Kb / 33P
14-Bit, 40 MSPS, 235 mW A/D Converter
logo
Analog Devices
AD9244 AD-AD9244_15 Datasheet
1Mb / 36P
14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
logo
Texas Instruments
ADC14L040 TI1-ADC14L040 Datasheet
821Kb / 30P
235 mW A/D Converter
logo
Analog Devices
AD9244 AD-AD9244_17 Datasheet
996Kb / 37P
14-Bit, 40 MSPS/65 MSPS A/D Converter
Rev. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com