Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4078BF Datasheet (PDF) - Texas Instruments

CD4078BF Datasheet PDF - Texas Instruments
Part # CD4078BF
Download  CD4078BF Download
File Size   969.8 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS 8-Input NOR/OR Gate

CD4078BF Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4078BF Datasheet PDF - Texas Instruments

Part # CD4078BF
Download  CD4078BF Click to download

File Size   969.8 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS 8-Input NOR/OR Gate

CD4078BF Datasheet (HTML) - Texas Instruments


CD4078BF Product details

Features: :
Medium-Speed Operation:
tPHL. tPLH = 751s (typ.) at Vpp =10 V
Buffered inputs and output
5.V, 10-V, and ¥5-V parameétric ratings
Standardized symmetrical output characteristics
100% tested for quiescent current at 20 V
Maximumvinput current of 1 pA at 18 V
over full package-temperature range:
100 nA at 18 V and 25°C
= Noise margin (over full package-temperature
range): tVatVpp=5V
2VatVpp=10V 25VatVpp=15V
8 Meets all requirements of JEDEC Tentative
Standard No. 13B, “Standard Specifications
for Description of ‘B’ Series CMOS Devices” ..




Similar Part No. - CD4078BF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4078BF TI-CD4078BF Datasheet
927Kb / 16P
CMOS 8-input NOR/OR Gate
CD4078BF TI1-CD4078BF Datasheet
924Kb / 16P
CMOS 8-Input NOR/OR Gate
CD4078BF3A TI-CD4078BF3A Datasheet
927Kb / 16P
CMOS 8-input NOR/OR Gate
CD4078BF3A TI1-CD4078BF3A Datasheet
924Kb / 16P
CMOS 8-Input NOR/OR Gate
More results


Similar Description - CD4078BF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4078 STMICROELECTRONICS-M54HC4078 Datasheet
233Kb / 9P
8 INPUT NOR/OR GATE
Oct-1992
logo
Texas Instruments
CD4078B TI-CD4078B Datasheet
187Kb / 4P
CMOS 8-INPUT NOR/OR GATE
logo
Intersil Corporation
CD4078BMS INTERSIL-CD4078BMS Datasheet
67Kb / 8P
CMOS 8 Input NOR/OR Gate
December 1992
logo
Micro Electronics
MMC4078 MICRO-ELECTRONICS-MMC4078 Datasheet
103Kb / 3P
8-INPUT NOR/OR GATE
logo
STMicroelectronics
M74HC4078 STMICROELECTRONICS-M74HC4078 Datasheet
208Kb / 8P
8-INPUT NOR/OR GATE
Jul-2001
logo
Texas Instruments
SN74HC4078A TI1-SN74HC4078A Datasheet
80Kb / 4P
8-INPUT OR/NOR GATE
CD4078BE TI1-CD4078BE Datasheet
917Kb / 16P
CMOS 8-Input NOR/OR Gate
CD4078B TI-CD4078B_12 Datasheet
917Kb / 16P
CMOS 8-INPUT NOR/OR GATE
CD4078BF TI-CD4078BF Datasheet
927Kb / 16P
CMOS 8-input NOR/OR Gate
CD4078B TI1-CD4078B_15 Datasheet
924Kb / 16P
CMOS 8-Input NOR/OR Gate
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com