Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD25481F4 Datasheet (PDF) - Texas Instruments

CSD25481F4 Datasheet PDF - Texas Instruments
Part # CSD25481F4
Download  CSD25481F4 Download
File Size   900.87 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD25481F4 20 V P-Channel FemtoFET™ MOSFET

CSD25481F4 Datasheet (PDF)

Go To PDF Page Download Datasheet
CSD25481F4 Datasheet PDF - Texas Instruments

Part # CSD25481F4
Download  CSD25481F4 Click to download

File Size   900.87 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD25481F4 20 V P-Channel FemtoFET™ MOSFET

CSD25481F4 Datasheet (HTML) - Texas Instruments


CSD25481F4 Product details

1 Features
• Ultra-low on resistance
• Ultra-low Qg and Qgd
• High operating drain current
• Ultra-small footprint (0402 Case Size)
– 1 mm × 0.6 mm
• Ultra-low profile
– 0.36 mm max height
• Integrated ESD protection diode
– Rated >4 kV HBM
– Rated >2 kV CDM
• Lead and halogen free
• RoHS compliant

2 Applications
• Optimized for load switch applications
• Optimized for general purpose switching
applications
• Battery applications
• Handheld and mobile applications

3 Description
This 90-mΩ, 20-V P-Channel FemtoFET™ MOSFET
is designed and optimized to minimize the footprint
in many handheld and mobile applications. This
technology is capable of replacing standard small
signal MOSFETs while providing at least a 60%
reduction in footprint size.




Similar Part No. - CSD25481F4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD25481F4 TI1-CSD25481F4 Datasheet
1Mb / 12P
20V, P-Channel NexFET??Power MOSFETs
CSD25481F4 TI1-CSD25481F4 Datasheet
1Mb / 14P
CSD25481F4, 20 V P-Channel FemtoFET MOSFET
CSD25481F4 TI1-CSD25481F4 Datasheet
801Kb / 13P
20 V P-Channel FemtoFET MOSFET
CSD25481F4R TI1-CSD25481F4R Datasheet
1Mb / 12P
20V, P-Channel NexFET??Power MOSFETs
CSD25481F4R TI1-CSD25481F4R Datasheet
1Mb / 14P
CSD25481F4, 20 V P-Channel FemtoFET MOSFET
More results


Similar Description - CSD25481F4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD25481F4 TI1-CSD25481F4 Datasheet
1Mb / 14P
CSD25481F4, 20 V P-Channel FemtoFET MOSFET
CSD23381F4 TI1-CSD23381F4 Datasheet
786Kb / 12P
CSD23381F4, 12 V P-Channel FemtoFET MOSFET
CSD25483F4 TI1-CSD25483F4 Datasheet
787Kb / 12P
CSD25483F4, 20 V P-Channel FemtoFET MOSFET
CSD23381F4 TI1-CSD23381F4_16 Datasheet
801Kb / 13P
12 V P-Channel FemtoFET MOSFET
CSD23382F4 TI1-CSD23382F4 Datasheet
761Kb / 13P
12 V P-Channel FemtoFET MOSFET
CSD25481F4 TI1-CSD25481F4_16 Datasheet
801Kb / 13P
20 V P-Channel FemtoFET MOSFET
CSD25484F4 TI1-CSD25484F4 Datasheet
1Mb / 15P
20 V P-Channel FemtoFET MOSFET
CSD25485F5 TI1-CSD25485F5 Datasheet
631Kb / 12P
20-V P-Channel FemtoFET MOSFET
CSD23285F5 TI1-CSD23285F5 Datasheet
1Mb / 14P
12-V, P-Channel FemtoFET MOSFET
CSD25501F3 TI1-CSD25501F3 Datasheet
1Mb / 13P
??0-V P-Channel FemtoFET MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com