Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD25481F4 Datasheet(PDF) 3 Page - Texas Instruments

Part # CSD25481F4
Description  CSD25481F4 20 V P-Channel FemtoFET™ MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD25481F4 Datasheet(HTML) 3 Page - Texas Instruments

  CSD25481F4 Datasheet HTML 1Page - Texas Instruments CSD25481F4 Datasheet HTML 2Page - Texas Instruments CSD25481F4 Datasheet HTML 3Page - Texas Instruments CSD25481F4 Datasheet HTML 4Page - Texas Instruments CSD25481F4 Datasheet HTML 5Page - Texas Instruments CSD25481F4 Datasheet HTML 6Page - Texas Instruments CSD25481F4 Datasheet HTML 7Page - Texas Instruments CSD25481F4 Datasheet HTML 8Page - Texas Instruments CSD25481F4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
5 Specifications
5.1 Electrical Characteristics
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-Source Voltage
VGS = 0 V, IDS = –250 μA
–20
V
IDSS
Drain-to-Source Leakage Current
VGS = 0 V, VDS = –16 V
–100
nA
IGSS
Gate-to-Source Leakage Current
VDS = 0 V, VGS = –12 V
–50
nA
VGS(th)
Gate-to-Source Threshold Voltage
VDS = VGS, IDS = –250 μA
–0.7
–0.95
–1.2
V
RDS(on)
Drain-to-Source On-Resistance
VGS = –1.8 V, IDS = –0.1 A
395
800
mΩ
VGS = –2.5 V, IDS = –0.5 A
145
174
mΩ
VGS = –4.5 V, IDS = –0.5 A
90
105
mΩ
VGS = –8 V, IDS = –0.5 A
75
88
mΩ
gfs
Transconductance
VDS = –10 V, IDS = –0.5 A
3.3
S
DYNAMIC CHARACTERISTICS
Ciss
Input Capacitance
VGS = 0 V, VDS = –10 V,
ƒ = 1 MHz
189
pF
Coss
Output Capacitance
78
pF
Crss
Reverse Transfer Capacitance
5.5
pF
RG
Series Gate Resistance
20
Ω
Qg
Gate Charge Total (4.5 V)
VDS = –10 V, IDS = –0.5 A
913
pC
Qgd
Gate Charge Gate-to-Drain
153
pC
Qgs
Gate Charge Gate-to-Source
240
pC
Qg(th)
Gate Charge at Vth
116
pC
Qoss
Output Charge
VDS = –10 V, VGS = 0 V
1030
pC
td(on)
Turn On Delay Time
VDS = –10 V, VGS = –4.5 V,
IDS = –0.5 A,RG = 2 Ω
4.1
ns
tr
Rise Time
3.6
ns
td(off)
Turn Off Delay Time
16.9
ns
tf
Fall Time
6.7
ns
DIODE CHARACTERISTICS
VSD
Diode Forward Voltage
ISD = –0.5 A, VGS = 0 V
–0.75
V
Qrr
Reverse Recovery Charge
VDS= –10 V, IF = –0.5 A, di/dt = 100 A/μs
1010
pC
trr
Reverse Recovery Time
7.5
ns
5.2 Thermal Information
(TA = 25°C unless otherwise stated)
THERMAL METRIC
TYPICAL VALUES
UNIT
RθJA
Junction-to-Ambient Thermal Resistance(1)
90
°C/W
Junction-to-Ambient Thermal Resistance(2)
250
(1)
Device mounted on FR4 material with 1 inch2 (6.45 cm2), 2 oz. (0.071 mm thick) Cu.
(2)
Device mounted on FR4 material with minimum Cu mounting area.
www.ti.com
CSD25481F4
SLPS420F – SEPTEMBER 2013 – REVISED FEBRUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: CSD25481F4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com