Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD25481F4 Datasheet(PDF) 5 Page - Texas Instruments

Part # CSD25481F4
Description  CSD25481F4 20 V P-Channel FemtoFET™ MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD25481F4 Datasheet(HTML) 5 Page - Texas Instruments

  CSD25481F4 Datasheet HTML 1Page - Texas Instruments CSD25481F4 Datasheet HTML 2Page - Texas Instruments CSD25481F4 Datasheet HTML 3Page - Texas Instruments CSD25481F4 Datasheet HTML 4Page - Texas Instruments CSD25481F4 Datasheet HTML 5Page - Texas Instruments CSD25481F4 Datasheet HTML 6Page - Texas Instruments CSD25481F4 Datasheet HTML 7Page - Texas Instruments CSD25481F4 Datasheet HTML 8Page - Texas Instruments CSD25481F4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
0
1
2
3
4
5
6
7
8
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Qg - Gate Charge (nC)
ID = −0.5A
VDS = −10V
G001
Figure 5-4. Gate Charge
0
20
40
60
80
100
120
140
160
180
200
0
2
4
6
8
10
12
14
16
18
20
− VDS - Drain-to-Source Voltage (V)
Ciss = Cgd + Cgs
Coss = Cds + Cgd
Crss = Cgd
G001
Figure 5-5. Capacitance
0.45
0.55
0.65
0.75
0.85
0.95
1.05
1.15
1.25
−75
−25
25
75
125
175
TC - Case Temperature (ºC)
ID = −250uA
G001
Figure 5-6. Threshold Voltage vs Temperature
0
40
80
120
160
200
240
280
320
360
400
0
2
4
6
8
10
12
−
VGS - Gate-to- Source Voltage (V)
TC = 25°C, ID = −0.5A
TC = 125°C, ID = −0.5A
G001
Figure 5-7. On-State Resistance vs Gate-to-Source
Voltage
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
−75
−25
25
75
125
175
TC - Case Temperature (ºC)
VGS = −4.5V, ID = −0.5A
G001
Figure 5-8. Normalized On-State Resistance vs
Temperature
0.0001
0.001
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
− VSD − Source-to-Drain Voltage (V)
TC = 25°C
TC = 125°C
G001
Figure 5-9. Typical Diode Forward Voltage
www.ti.com
CSD25481F4
SLPS420F – SEPTEMBER 2013 – REVISED FEBRUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: CSD25481F4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com