Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1972 Datasheet (PDF) - Texas Instruments

LM1972 Datasheet PDF - Texas Instruments
Part # LM1972
Download  LM1972 Download
File Size   849.16 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM1972 μPot 2-Channel 78dB Audio Attenuator with Mute

LM1972 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM1972 Datasheet PDF - Texas Instruments

Part # LM1972
Download  LM1972 Click to download

File Size   849.16 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM1972 μPot 2-Channel 78dB Audio Attenuator with Mute

LM1972 Datasheet (HTML) - Texas Instruments


LM1972 Product details

1FEATURES
2• 3-Wire Serial Interface
• Daisy-Chain Capability
• 104dB Mute Attenuation
• Pop and Click Free Attenuation Changes

APPLICATIONS
• Automated Studio Mixing Consoles
• Music Reproduction Systems
• Sound Reinforcement Systems
• Electronic Music (MIDI)
• Personal Computer Audio Control

KEY SPECIFICATIONS
• Total Harmonic Distortion +
Noise: 0.003 % (max)
• Frequency response: 100 kHz (−3dB) (min)
• Attenuation range (excluding
mute): 78 dB (typ)
• Differential attenuation: ±0.25 dB (max)
• Signal-to-noise ratio
(ref. 4 Vrms): 110 dB (min)
• Channel separation: 100 dB (min)

DESCRIPTION
The LM1972 is a digitally controlled 2-channel 78dB
audio attenuator fabricated on a CMOS process.
Each channel has attenuation steps of 0.5dB from
0dB–47.5dB, 1.0dB steps from 48dB–78dB, with a
mute function attenuating 104dB. Its logarithmic
attenuation curve can be customized through
software to fit the desired application.
The performance of a μPot is demonstrated through
its excellent Signal-to-Noise Ratio, extremely low
THD+N), and high channel separation. Each μPot
contains a mute function that disconnects the input
signal from the output, providing a minimum
attenuation of 96dB. Transitions between any attenuation settings are pop free.
The LM1972's 3-wire serial digital interface is TTL
and CMOS compatible; receiving data that selects a
channel and the desired attenuation level. The Data-
Out pin of the LM1972 allows multiple μPots to be
daisy-chained together, reducing the number of
enable and data lines to be routed for a given
application.




Similar Part No. - LM1972

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1972 NSC-LM1972 Datasheet
301Kb / 11P
Pot 2-Channel 78dB Audio Attenuator with Mute
logo
Texas Instruments
LM1972 TI1-LM1972 Datasheet
1,016Kb / 21P
LM1972 關Pot 2-Channel 78dB Audio Attenuator with Mute
LM1972 TI1-LM1972 Datasheet
1Mb / 22P
2-Channel 78dB Audio Attenuator
logo
National Semiconductor ...
LM1972M NSC-LM1972M Datasheet
301Kb / 11P
Pot 2-Channel 78dB Audio Attenuator with Mute
logo
Texas Instruments
LM1972M TI1-LM1972M Datasheet
1,016Kb / 21P
LM1972 關Pot 2-Channel 78dB Audio Attenuator with Mute
More results


Similar Description - LM1972

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1971 NSC-LM1971 Datasheet
248Kb / 11P
LM1971 Overture??Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator with/Mute
LM1972 NSC-LM1972 Datasheet
301Kb / 11P
Pot 2-Channel 78dB Audio Attenuator with Mute
LM1973 NSC-LM1973 Datasheet
305Kb / 11P
關Pot??-Channel 76dB Audio Attenuator with Mute
logo
Eutech Microelectronics...
EUA5202 EUTECH-EUA5202 Datasheet
680Kb / 23P
2-W Stereo Audio Power Amplifier with Mute
logo
Unisonic Technologies
PA3202 UTC-PA3202 Datasheet
311Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA3202 UTC-PA3202_09 Datasheet
362Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
logo
Texas Instruments
LM1973 TI1-LM1973_14 Datasheet
1,010Kb / 20P
LM1973 關Pot 3-Channel 76dB Audio Attenuator with Mute
LM1972 TI1-LM1972_14 Datasheet
1,016Kb / 21P
LM1972 關Pot 2-Channel 78dB Audio Attenuator with Mute
logo
Unisonic Technologies
PA6021 UTC-PA6021_15 Datasheet
274Kb / 6P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
logo
Texas Instruments
LM1972 TI1-LM1972_16 Datasheet
1Mb / 22P
2-Channel 78dB Audio Attenuator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com