Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1972 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
LM1972 Datasheet PDF - Texas Instruments
Part # LM1972
Download  LM1972 Download
File Size   1291.87 Kbytes
Page   22 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description 2-Channel 78dB Audio Attenuator

LM1972 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM1972 Datasheet PDF - Texas Instruments

Part # LM1972
Download  LM1972 Click to download

File Size   1291.87 Kbytes
Page   22 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description 2-Channel 78dB Audio Attenuator

LM1972 Datasheet (HTML) - Texas Instruments




Similar Part No. - LM1972

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1972 NSC-LM1972 Datasheet
301Kb / 11P
Pot 2-Channel 78dB Audio Attenuator with Mute
logo
Texas Instruments
LM1972 TI1-LM1972 Datasheet
1,016Kb / 21P
LM1972 關Pot 2-Channel 78dB Audio Attenuator with Mute
LM1972 TI2-LM1972 Datasheet
849Kb / 22P
LM1972 μPot 2-Channel 78dB Audio Attenuator with Mute
REVISED MARCH 2013
logo
National Semiconductor ...
LM1972M NSC-LM1972M Datasheet
301Kb / 11P
Pot 2-Channel 78dB Audio Attenuator with Mute
logo
Texas Instruments
LM1972M TI1-LM1972M Datasheet
1,016Kb / 21P
LM1972 關Pot 2-Channel 78dB Audio Attenuator with Mute
More results


Similar Description - LM1972

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1972 NSC-LM1972 Datasheet
301Kb / 11P
Pot 2-Channel 78dB Audio Attenuator with Mute
LM1973 NSC-LM1973 Datasheet
305Kb / 11P
關Pot??-Channel 76dB Audio Attenuator with Mute
logo
Princeton Technology Co...
PT2315 PTC-PT2315 Datasheet
242Kb / 3P
2-Channel Audio Processor IC?
logo
Pan Jit International I...
PT2315A PANJIT-PT2315A Datasheet
396Kb / 22P
2-Channel Audio Processor IC
logo
Texas Instruments
LM1972 TI1-LM1972_14 Datasheet
1,016Kb / 21P
LM1972 關Pot 2-Channel 78dB Audio Attenuator with Mute
LM1971 TI1-LM1971_14 Datasheet
965Kb / 20P
Overture Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator
LM1973 TI1-LM1973_16 Datasheet
1Mb / 21P
3-Channel 76dB Audio Attenuator
logo
Realtek Semiconductor C...
ALC268 REALTEK-ALC268 Datasheet
1Mb / 80P
22 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC268-GR REALTEK-ALC268-GR Datasheet
1Mb / 85P
22 CHANNEL HIGH DEFINITION AUDIO CODEC
logo
List of Unclassifed Man...
CS8563S ETC2-CS8563S Datasheet
1Mb / 12P
2-Channel Audio Amplifier
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com