Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575 Datasheet (PDF) - Texas Instruments

LM2575 Datasheet PDF - Texas Instruments
Part # LM2575
Download  LM2575 Download
File Size   847.93 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2575 1-A Simple Step-Down Switching Voltage Regulator

LM2575 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2575 Datasheet PDF - Texas Instruments

Part # LM2575
Download  LM2575 Click to download

File Size   847.93 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2575 1-A Simple Step-Down Switching Voltage Regulator

LM2575 Datasheet (HTML) - Texas Instruments


LM2575 Product details

1 Features
1• Adjustable With a Range of 1.23 V to 37 V and
±4% Regulation (Max) Over Line, Load, and
Temperature Conditions
• Specified 1-A Output Current
• Wide Input Voltage Range 4.75 V to 40 V
• Uses Readily Available Standard Inductors
• 52-kHz (Typical) Fixed-Frequency Internal
Oscillator
• TTL Shutdown Capability With 50-μA (Typical)
Standby Current
• High Efficiency…as High as 88% (Typical)
• Thermal Shutdown and Current-Limit Protection
With Cycle-by-Cycle Current Limiting
• For the Full Offering of Voltages (Including Fixed-
Output Options) and Packages (Including TO-
263), See TL2575 Data Sheet, SLVS638

2 Applications
• Simple High-Efficiency Step-Down (Buck)
Regulator
• Pre-Regulator for Linear Regulators
• On-Card Switching Regulators
• Positive-to-Negative Converter (Buck-Boost)

3 Description
The LM2575 device greatly simplifies the design of
switching power supplies by conveniently providing all
the active functions needed for a step-down (buck) switching regulator in an integrated circuit. Accepting
a wide input voltage range and available in an
adjustable output version, the LM2575 has an
integrated switch capable of delivering 1 A of load
current, with excellent line and load regulation. The
device also offers internal frequency compensation, a
fixed-frequency oscillator, cycle-by-cycle current
limiting, and thermal shutdown. In addition, a manual
shutdown is available through an external ON/OFF
pin.
The LM2575 represents a superior alternative to
popular three-terminal linear regulators. Due to its
high efficiency, it significantly reduces the size of the heat sink and, in many cases, no heat sink is
required. Optimized for use with standard series of
inductors available from several different
manufacturers, the LM2575 greatly simplifies the
design of switch-mode power supplies by requiring a
minimal addition of only four to six external
components for operation.
The LM2575 is characterized for operation over the
virtual junction temperature range of –40°C to 125°C.




Similar Part No. - LM2575

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM2575 MOTOROLA-LM2575 Datasheet
382Kb / 28P
EASY SWITCHERE??1.0 A STEP-DOWN VOLTAGE REGULATOR
logo
ON Semiconductor
LM2575 ONSEMI-LM2575 Datasheet
382Kb / 26P
1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
May, 2004 ??Rev. 6
logo
Semtech Corporation
LM2575 SEMTECH-LM2575 Datasheet
441Kb / 19P
1A & 3A Miniconverter Switching Regulators
logo
Micrel Semiconductor
LM2575 MICREL-LM2575 Datasheet
104Kb / 9P
52kHz Simple 1A Buck Regulator
logo
Texas Instruments
LM2575 TI-LM2575 Datasheet
195Kb / 12P
1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
More results


Similar Description - LM2575

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2575 TI-LM2575 Datasheet
195Kb / 12P
1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
TL2575 TI-TL2575_07 Datasheet
957Kb / 28P
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
LM2575 TI-LM2575_06 Datasheet
171Kb / 10P
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATOR
TL2575_0701 TI-TL2575_0701 Datasheet
963Kb / 31P
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575 TI-TL2575_10 Datasheet
1,011Kb / 29P
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
LM2575HVSX-5.0 TI1-LM2575HVSX-5.0 Datasheet
5Mb / 44P
LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2575HVS-ADJ TI-LM2575HVS-ADJ Datasheet
5Mb / 44P
LM1575/LM2575/LM2575HV SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
LM2575T-12 TI-LM2575T-12 Datasheet
5Mb / 44P
LM1575/LM2575/LM2575HV SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
LM2575HVT-5 TI1-LM2575HVT-5 Datasheet
5Mb / 43P
LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
TL2575 TI1-TL2575_16 Datasheet
1Mb / 34P
1-A Simple Step-Down Switching Voltage Regulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com