Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM2575
Description  LM2575 1-A Simple Step-Down Switching Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2575 Datasheet(HTML) 1 Page - Texas Instruments

  LM2575 Datasheet HTML 1Page - Texas Instruments LM2575 Datasheet HTML 2Page - Texas Instruments LM2575 Datasheet HTML 3Page - Texas Instruments LM2575 Datasheet HTML 4Page - Texas Instruments LM2575 Datasheet HTML 5Page - Texas Instruments LM2575 Datasheet HTML 6Page - Texas Instruments LM2575 Datasheet HTML 7Page - Texas Instruments LM2575 Datasheet HTML 8Page - Texas Instruments LM2575 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Internal
Regulator
ON/OFF
_
+
_
+
1.23-V
Band-Gap
Reference
52-kHz
Oscillator
Reset
Thermal
Shutdown
Current
Limit
FEEDBACK
7
CIN
+
VIN
6
Unregulated
DC Input
GND
5, 12, 13
OUTPUT
3
ON/OFF
9
COUT
+
D1
L
O
A
D
VOUT
1-A
Switch
Driver
Fixed-Gain
Error Amp
Comparator
R2
R1
R1 = Open, R2 = 0
Ω
L1
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM2575
SLVS569F – JANUARY 2005 – REVISED AUGUST 2015
LM2575 1-A Simple Step-Down Switching Voltage Regulator
1 Features
3 Description
The LM2575 device greatly simplifies the design of
1
•
Adjustable With a Range of 1.23 V to 37 V and
switching power supplies by conveniently providing all
±4% Regulation (Max) Over Line, Load, and
the active functions needed for a step-down (buck)
Temperature Conditions
switching regulator in an integrated circuit. Accepting
•
Specified 1-A Output Current
a wide input voltage range and available in an
adjustable output version, the LM2575 has an
•
Wide Input Voltage Range 4.75 V to 40 V
integrated switch capable of delivering 1 A of load
•
Uses Readily Available Standard Inductors
current, with excellent line and load regulation. The
•
52-kHz (Typical) Fixed-Frequency Internal
device also offers internal frequency compensation, a
Oscillator
fixed-frequency
oscillator,
cycle-by-cycle
current
•
TTL Shutdown Capability With 50-
μA (Typical)
limiting, and thermal shutdown. In addition, a manual
shutdown is available through an external ON/OFF
Standby Current
pin.
•
High Efficiency…as High as 88% (Typical)
The LM2575 represents a superior alternative to
•
Thermal Shutdown and Current-Limit Protection
popular three-terminal linear regulators. Due to its
With Cycle-by-Cycle Current Limiting
high efficiency, it significantly reduces the size of the
•
For the Full Offering of Voltages (Including Fixed-
heat sink and, in many cases, no heat sink is
Output Options) and Packages (Including TO-
required. Optimized for use with standard series of
263), See TL2575 Data Sheet, SLVS638
inductors
available
from
several
different
manufacturers, the LM2575 greatly simplifies the
2 Applications
design of switch-mode power supplies by requiring a
minimal
addition
of
only
four
to
six
external
•
Simple High-Efficiency Step-Down (Buck)
components for operation.
Regulator
The LM2575 is characterized for operation over the
•
Pre-Regulator for Linear Regulators
virtual junction temperature range of –40°C to 125°C.
•
On-Card Switching Regulators
•
Positive-to-Negative Converter (Buck-Boost)
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM2575N
PDIP (16)
19.30 mm × 6.35 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM2575

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM2575 MOTOROLA-LM2575 Datasheet
382Kb / 28P
EASY SWITCHERE??1.0 A STEP-DOWN VOLTAGE REGULATOR
logo
ON Semiconductor
LM2575 ONSEMI-LM2575 Datasheet
382Kb / 26P
1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
May, 2004 ??Rev. 6
logo
Semtech Corporation
LM2575 SEMTECH-LM2575 Datasheet
441Kb / 19P
1A & 3A Miniconverter Switching Regulators
logo
Micrel Semiconductor
LM2575 MICREL-LM2575 Datasheet
104Kb / 9P
52kHz Simple 1A Buck Regulator
logo
Texas Instruments
LM2575 TI-LM2575 Datasheet
195Kb / 12P
1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
More results

Similar Description - LM2575

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2575 TI-LM2575 Datasheet
195Kb / 12P
1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
TL2575 TI-TL2575_07 Datasheet
957Kb / 28P
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
LM2575 TI-LM2575_06 Datasheet
171Kb / 10P
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATOR
TL2575_0701 TI-TL2575_0701 Datasheet
963Kb / 31P
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575 TI-TL2575_10 Datasheet
1,011Kb / 29P
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
LM2575HVSX-5.0 TI1-LM2575HVSX-5.0 Datasheet
5Mb / 44P
LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2575HVS-ADJ TI-LM2575HVS-ADJ Datasheet
5Mb / 44P
LM1575/LM2575/LM2575HV SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
LM2575T-12 TI-LM2575T-12 Datasheet
5Mb / 44P
LM1575/LM2575/LM2575HV SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
LM2575HVT-5 TI1-LM2575HVT-5 Datasheet
5Mb / 43P
LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
TL2575 TI1-TL2575_16 Datasheet
1Mb / 34P
1-A Simple Step-Down Switching Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com