Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575 Datasheet(PDF) 14 Page - Texas Instruments

Part # LM2575
Description  LM2575 1-A Simple Step-Down Switching Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2575 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM2575 Datasheet HTML 10Page - Texas Instruments LM2575 Datasheet HTML 11Page - Texas Instruments LM2575 Datasheet HTML 12Page - Texas Instruments LM2575 Datasheet HTML 13Page - Texas Instruments LM2575 Datasheet HTML 14Page - Texas Instruments LM2575 Datasheet HTML 15Page - Texas Instruments LM2575 Datasheet HTML 16Page - Texas Instruments LM2575 Datasheet HTML 17Page - Texas Instruments LM2575 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
–0.1
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
Time (ms)
0
–0.1
–0.15
–0.1
–0.05
0
0.05
0.1
0.15
0.2
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
Time (ms)
–0.2
LM2575
SLVS569F – JANUARY 2005 – REVISED AUGUST 2015
www.ti.com
8.2.3 Application Curves
A. Output pin voltage, 10 V/Div
B. Output pin current, 1 A/Div
C. Inductor current, 0.5 A/Div
D. VOUT ripple voltage, 20 mV/Div
Figure 13. Switching Waveforms
Figure 14. Load Transient Response
Figure 15. Load Transient Response
9 Power Supply Recommendations
This device operates with a power supply range of 4.75 V to 40 V. A 100-µF decoupling capacitor is
recommended on the input to filter noise.
14
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: LM2575



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com