Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM2575
Description  LM2575 1-A Simple Step-Down Switching Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2575 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM2575 Datasheet HTML 6Page - Texas Instruments LM2575 Datasheet HTML 7Page - Texas Instruments LM2575 Datasheet HTML 8Page - Texas Instruments LM2575 Datasheet HTML 9Page - Texas Instruments LM2575 Datasheet HTML 10Page - Texas Instruments LM2575 Datasheet HTML 11Page - Texas Instruments LM2575 Datasheet HTML 12Page - Texas Instruments LM2575 Datasheet HTML 13Page - Texas Instruments LM2575 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
I
C,RMS
u 1.2(
ton
T
) I
LOAD, where:
ton
T
+
V
OUT
V
IN
{buck regulator}, and
ton
T
+
|V
OUT|
(|V
OUT| ) VIN)
{buck−boost regulator}
LM2575
SLVS569F – JANUARY 2005 – REVISED AUGUST 2015
www.ti.com
Typical Application (continued)
To extend the capacitor operating lifetime, the capacitor RMS ripple current rating should be:
(2)
8.2.2.2 Output Capacitor (COUT)
For both loop stability and filtering of ripple voltage, an output capacitor also is required, again in close proximity
to the regulator. For best performance, low-ESR aluminum electrolytics are recommended, although standard
aluminum electrolytics may be adequate for some applications::
Output Ripple Voltage = (ESR of COUT) × (inductor ripple current)
(3)
Output ripple of 50 mV to 150 mV typically can be achieved with capacitor values of 220
μF to 680 μF. Larger
COUT can reduce the ripple 20 mV to 50 mV peak-to-peak. To improve further on output ripple, paralleling of
standard electrolytic capacitors may be used. Alternatively, higher-grade capacitors such as “high-frequency”,
“low-inductance”, or “low-ESR” can be used.
The following should be taken into account when selecting COUT:
•
At cold temperatures, the ESR of the electrolytic capacitors can rise dramatically (typically 3× nominal value
at –25°C). Because solid tantalum capacitors have significantly better ESR specifications at cold
temperatures, they must be used at operating temperature lower than –25°C. As an alternative, tantalums
also can be paralleled to aluminum electrolytics and must contribute 10% to 20% to the total capacitance.
•
Low ESR for COUT is desirable for low output ripple. However, the ESR should be greater than 0.05 Ω to
avoid the possibility of regulator instability. Hence, a sole tantalum capacitor used for COUT is most
susceptible to this occurrence.
•
The capacitor’s ripple current rating of 52 kHz should be at least 50% higher than the peak-to-peak inductor
ripple current.
8.2.2.3 Catch Diode
As with other external components, the catch diode must be placed close to the output to minimize unwanted
noise. Schottky diodes have fast switching speeds and low forward voltage drops and, thus, offer the best
performance, especially for switching regulators with low output voltages (VOUT < 5 V). If a high-efficiency, fast-
recovery, or ultra-fast-recovery diode is used in place of a Schottky, it must have a soft recovery (versus abrupt
turnoff characteristics) to avoid the chance of causing instability and EMI. Standard 50-/60-Hz diodes, such as
the 1N4001 or 1N5400 series, are NOT suitable.
8.2.2.4 Inductor
Proper inductor selection is key to the performance-switching power-supply designs. One important factor to
consider is whether the regulator will be used in continuous (inductor current flows continuously and never drops
to zero) or in discontinuous mode (inductor current goes to zero during the normal switching cycle). Each mode
has distinctively different operating characteristics and, therefore, can affect the regulator performance and
requirements. In many applications, the continuous mode is the preferred mode of operation, because it offers
greater output power with lower peak currents, and also can result in lower output ripple voltage. The advantages
of continuous mode of operation come at the expense of a larger inductor required to keep inductor current
continuous, especially at low output currents and/or high input voltages.
The LM2575 can operate in either continuous or discontinuous mode. With heavy load currents, the inductor
current flows continuously and the regulator operates in continuous mode. Under light load, the inductor fully
discharges and the regulator is forced into the discontinuous mode of operation. For light loads (approximately
200 mA or less), this discontinuous mode of operation is perfectly acceptable and may be desirable solely to
keep the inductor value and size small. Any buck regulator eventually operates in discontinuous mode when the
load current is light enough.
10
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: LM2575



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com