Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM2575
Description  LM2575 1-A Simple Step-Down Switching Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2575 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM2575 Datasheet HTML 7Page - Texas Instruments LM2575 Datasheet HTML 8Page - Texas Instruments LM2575 Datasheet HTML 9Page - Texas Instruments LM2575 Datasheet HTML 10Page - Texas Instruments LM2575 Datasheet HTML 11Page - Texas Instruments LM2575 Datasheet HTML 12Page - Texas Instruments LM2575 Datasheet HTML 13Page - Texas Instruments LM2575 Datasheet HTML 14Page - Texas Instruments LM2575 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LM2575
www.ti.com
SLVS569F – JANUARY 2005 – REVISED AUGUST 2015
Typical Application (continued)
The type of inductor chosen can have advantages and disadvantages. If high performance or quality is a
concern, then more-expensive toroid core inductors are the best choice, as the magnetic flux is contained
completely within the core, resulting in less EMI and noise in nearby sensitive circuits. Inexpensive bobbin core
inductors, however, generate more EMI as the open core does confine the flux within the core. Multiple switching
regulators located in proximity to each other are particularly susceptible to mutual coupling of magnetic fluxes
from each other’s open cores. In these situations, closed magnetic structures (such as a toroid, pot core, or E-
core) are more appropriate.
Regardless of the type and value of inductor used, the inductor never should carry more than its rated current.
Doing so may cause the inductor to saturate, in which case the inductance quickly drops, and the inductor looks
like a low-value resistor (from the DC resistance of the windings). As a result, switching current rises dramatically
(until limited by the current-by-current limiting feature of the LM2575) and can result in overheating of the
inductor and the IC itself.
NOTE
Different types of inductors have different saturation characteristics.
8.2.2.5 Output Voltage Ripple and Transients
As with any switching power supply, the output of the LM2575 has a sawtooth-ripple voltage at the switching
frequency. Typically about 1% of the output voltage, this ripple is due mainly to the inductor sawtooth-ripple
current and the ESR of the output capacitor (see note on COUT). Furthermore, the output also may contain small
voltage spikes at the peaks of the sawtooth waveform. This is due to the fast switching of the output switch and
the parasitic inductance of COUT. These voltage spikes can be minimized through the use of low-inductance
capacitors.
There are several ways to reduce the output ripple voltage: a larger inductor, a larger COUT, or both. Another
method is to use a small LC filter (20
μH and 100 μF) at the output. This filter can reduce the output ripple
voltage by a factor of 10 (see Figure 16).
8.2.2.6 Feedback Connection
FEEDBACK must be connected between the two programming resistors. Again, both of these resistors should be
in close proximity to the regulator, and each should be less than 100 k
Ω to minimize noise pickup.
8.2.2.7
ON/OFF Input
ON/OFF should be grounded or be a low-level TTL voltage (typically <1.6 V) for normal operation. To shut down
the LM2575 and put it in standby mode, a high-level TTL or CMOS voltage must be supplied to this pin. ON/OFF
must not be left open and safely can be pulled up to VIN with or without a pullup resistor.
8.2.2.8 Grounding
The power and ground connections of the LM2575 must be low-impedance to help maintain output stability. With
the 16-pin package, all the ground pins (including signal and power grounds) must be soldered directly to wide
PCB copper traces to ensure low-inductance connections and good thermal dissipation.
8.2.2.9 Reverse Current Considerations
There is an internal diode from the output to VIN. Therefore, the device does not protect against reverse current
and take care to limit current in this scenario.
8.2.2.10 Buck Regulator Design Procedure
PROCEDURE
EXAMPLE
Known:
Known:
VOUT(Nom)
VOUT = 10 V
VIN(Max) = Maximum input voltage
VIN(Max) = 25 V
ILOAD(Max) = Maximum load current
ILOAD(Max) = 1 A
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2575



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com