Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM2575
Description  LM2575 1-A Simple Step-Down Switching Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2575 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM2575 Datasheet HTML 8Page - Texas Instruments LM2575 Datasheet HTML 9Page - Texas Instruments LM2575 Datasheet HTML 10Page - Texas Instruments LM2575 Datasheet HTML 11Page - Texas Instruments LM2575 Datasheet HTML 12Page - Texas Instruments LM2575 Datasheet HTML 13Page - Texas Instruments LM2575 Datasheet HTML 14Page - Texas Instruments LM2575 Datasheet HTML 15Page - Texas Instruments LM2575 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
C
7758
OUT
³
(µF)
V
IN(Max)
V
L1(µH)
OUT
·
(
(
R2 = R1
– 1
V
OUT
V
REF
V
= V
OUT
REF
1 +
where V
= 1.23 V
REF
(
(
R2
R1
LM2575
SLVS569F – JANUARY 2005 – REVISED AUGUST 2015
www.ti.com
Typical Application (continued)
PROCEDURE
EXAMPLE
1. Programming Output Voltage (Selecting R1 and R2)
1. Programming Output Voltage (Selecting R1 and R2)
VOUT is defined by:
Select R1 = 1 k
R2 = 1 (10 / 1.23 – 1) = 7.13 k
Select R2 = 7.15 k
Ω (closest 1% value)
Choose a value for R1 between 1 k
Ω and 5 kΩ (use 1% metal-film
resistors for best temperature coefficient and stability over time).
2. Inductor Selection (L1)
2. Inductor Selection (L1)
A. Calculate the "set" volts-second (E × T) across L1:
A. Calculate the "set" volts-second (E × T) across L1:
E × T = (VIN – VOUT) × ton
E × T = (25 – 10) × (10 / 25) × (1000 / 52) [V ×
μs]
E × T = (VIN – VOUT) × (VOUT / VIN) × {1000 / fosc(in kHz)} [V × μs]
E × T = 115 V ×
μs
NOTE: Along with ILOAD, the "set" volts-second (E × T) constant
establishes the minimum energy storage requirement for the
inductor.
B. Using Figure 12, select the appropriate inductor code based on B. Using Figure 12, the intersection of 115 V •
μs and 1 A
the intersection of E × T value and ILOAD(Max).
corresponds to an inductor code of H470.
C. The inductor chosen should be rated for operation at 52-kHz and C. H470
→ L1 = 470 μH
have a current rating of at least 1.15 x ILOAD(Max) to allow for the Choose from:
ripple current. The actual peak current in L1 (in normal operation)
34048 (Schott)
can be calculated as follows:
PE-53118 (Pulse Engineering)
IL1(pk) = ILOAD(Max) + (VIN – VOUT) × ton / 2L1
Where ton = VOUT / VIN × (1 / fosc)
RL1961 (Renco)
3. Output Capacitor Selection (COUT)
3. Output Capacitor Selection (COUT)
A. The LM2575 control loop has a two-pole two-zero frequency A. COUT ≥ 7785 × 25 / (10 × 470) [μF]
response. The dominant pole-zero pair is established by COUT and C
OUT ≥ 41.4 μF
L1. To meet stability requirements, COUT must meet the following
To
obtain
an
acceptable
output
voltage
ripple
requirement:
COUT = 220 μF electrolytic
However, COUT may need to be several times larger than the
calculated value above in order to achieve an acceptable output
ripple voltage of about 0.01 × VOUT.
B. COUT should have a voltage rating of at least 1.5 × VOUT. But if a
low output ripple voltage is desired, choose capacitors with a higher
voltage ratings than the minimum required due to their typically lower
ESRs.
4. Catch Diode Selection (D1) (see Table 1)
4. Catch Diode Selection (D1) (see Table 1)
A. In normal operation, the catch diode requires a current rating of at A. Pick a diode with a 3-A rating.
least 1.2 × ILOAD(Max). For the most robust design, D1 should be
rated for a current equal to the LM2575 maximum switch peak
current; this represents the worst-case scenario of a continuous
short at VOUT.
B. The diode requires a reverse voltage rating of at least B. Pick a 40-V rated Schottky diode (1N5822, MBR340, 31QD04, or
1.25 × VIN(Max).
SR304) or 100-V rated Fast Recovery diode (31DF1, MURD310, or
HER302)
5. Input Capacitor (CIN)
5. Input Capacitor (CIN)
An aluminum electrolytic or tantalum capacitor is needed for input CIN = 100 μF, 35 V, aluminum electrolytic
bypassing. Locate CIN as close to VIN and GND pins as possible.
12
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: LM2575



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com