Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2832 Datasheet (PDF) - Texas Instruments

LM2832 Datasheet PDF - Texas Instruments
Part # LM2832
Download  LM2832 Download
File Size   806.75 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2832 High Frequency 2.0A Load - Step-Down DC-DC Regulator

LM2832 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2832 Datasheet PDF - Texas Instruments

Part # LM2832
Download  LM2832 Click to download

File Size   806.75 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2832 High Frequency 2.0A Load - Step-Down DC-DC Regulator

LM2832 Datasheet (HTML) - Texas Instruments


LM2832 Product details

1FEATURES
2• Input Voltage Range of 3.0V to 5.5V
• Output Voltage Range of 0.6V to 4.5V
• 2.0A Output Current
• High Switching Frequencies
– 1.6MHz (LM2832X)
– 0.55MHz (LM2832Y)
– 3.0MHz (LM2832Z)
• 150mΩ PMOS Switch
• 0.6V, 2% Internal Voltage Reference
• Internal Soft-Start
• Current Mode, PWM Operation
• Thermal Shutdown
• Over Voltage Protection

APPLICATIONS
• Local 5V to Vcore Step-Down Converters
• Core Power in HDDs
• Set-Top Boxes
• USB Powered Devices
• DSL Modems

DESCRIPTION
The LM2832 regulator is a monolithic, high frequency,
PWM step-down DC/DC converter in a 6 Pin WSON
and a 8 Pin eMSOP-PowerPAD package. It provides
all the active functions to provide local DC/DC
conversion with fast transient response and accurate
regulation in the smallest possible PCB area. With a minimum of external components, the LM2832 is
easy to use. The ability to drive 2.0A loads with an
internal 150 mΩ PMOS switch using state-of-the-art
0.5 μm BiCMOS technology results in the best power
density available. The world-class control circuitry
allows on-times as low as 30ns, thus supporting
exceptionally high frequency conversion over the
entire 3V to 5.5V input operating range down to the
minimum output voltage of 0.6V. Switching frequency
is internally set to 550 kHz, 1.6 MHz, or 3.0 MHz,
allowing the use of extremely small surface mount
inductors and chip capacitors. Even though the
operating frequency is high, efficiencies up to 93%
are easy to achieve. External shutdown is included,
featuring an ultra-low stand-by current of 30 nA. The
LM2832 utilizes current-mode control and internal
compensation to provide high-performance regulation
over a wide range of operating conditions. Additional
features include internal soft-start circuitry to reduce
inrush current, pulse-by-pulse current limit, thermal
shutdown, and output over-voltage protection.




Similar Part No. - LM2832

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2832 NSC-LM2832 Datasheet
893Kb / 27P
High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2832 TI1-LM2832 Datasheet
1Mb / 33P
High Frequency 2.0A Load - Step-Down DC-DC Regulator
LM2832 TI1-LM2832 Datasheet
1Mb / 34P
High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2832XMY NSC-LM2832XMY Datasheet
893Kb / 27P
High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2832XMY TI1-LM2832XMY Datasheet
1Mb / 34P
High Frequency 2.0A Load - Step-Down DC-DC Regulator
More results


Similar Description - LM2832

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2830 NSC-LM2830 Datasheet
860Kb / 24P
High Frequency 1.0A Load - Step-Down DC-DC Regulator
LM2831 NSC-LM2831 Datasheet
890Kb / 27P
High Frequency 1.5A Load - Step-Down DC-DC Regulator
LM2832 NSC-LM2832 Datasheet
893Kb / 27P
High Frequency 2.0A Load - Step-Down DC-DC Regulator
LM26420 NSC-LM26420 Datasheet
635Kb / 28P
Dual 2.0A, High Frequency Synchronous Step-Down DC-DC Regulator
logo
Texas Instruments
LM2831 TI1-LM2831_14 Datasheet
1Mb / 34P
High Frequency 1.5A Load - Step-Down DC-DC Regulator
LM2832 TI1-LM2832_14 Datasheet
1Mb / 33P
High Frequency 2.0A Load - Step-Down DC-DC Regulator
LM2830 TI-LM2830_15 Datasheet
1Mb / 37P
LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
LM2831 TI-LM2831_15 Datasheet
1Mb / 38P
LM2831 High-Frequency 1.5-A Load ??Step-Down DC-DC Regulator
LM2832 TI1-LM2832 Datasheet
1Mb / 34P
High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
Chip Advanced Technolog...
CAT7105 CAT-CAT7105 Datasheet
758Kb / 12P
2.0A High Efficiency Step-Down DC/DC Converter
May-2007 Rev:0.94
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com