Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM20123 Datasheet (PDF) - Texas Instruments

LM20123 Datasheet PDF - Texas Instruments
Part # LM20123
Download  LM20123 Download
File Size   955.06 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM20123/LM20123Q 3A, 1.5MHz PowerWise® Synchronous Buck Regulator

LM20123 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM20123 Datasheet PDF - Texas Instruments

Part # LM20123
Download  LM20123 Click to download

File Size   955.06 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM20123/LM20123Q 3A, 1.5MHz PowerWise® Synchronous Buck Regulator

LM20123 Datasheet (HTML) - Texas Instruments


LM20123 Product details

1FEATURES
2• LM20123Q is AEC-Q100 Qualified and
Manufactured on an Automotive Grade Flow
• Input Voltage Range 2.95V to 5.5V
• Accurate Current Limit Minimizes Inductor
Size
• 96% Efficiency with 1.5 MHz Switching
Frequency
• 32 mΩ Integrated FET Switches
• Starts up into Pre-Biased Loads
• Output Voltage Tracking
• Peak Current Mode Control
• Adjustable Output Voltage Down to 0.8V
• Adjustable Soft-Start with External Capacitor
• Precision Enable Pin with Hysteresis
• Integrated OVP, UVLO, Power Good and
Thermal Shutdown
• HTSSOP (16-Pins) Exposed Pad Package

APPLICATIONS
• Simple to Design, High Efficiency Point of
Load Regulation from a 5V or 3.3V Bus
• High Performance DSPs, FPGAs, ASICs and
Microprocessors
• Broadband, Networking and Optical
Communications Infrastructure

DESCRIPTION
The LM20123 is a full featured 1.5 MHz synchronous
buck regulator capable of delivering up to 3A of
continuous output current. The current mode control
loop can be compensated to be stable with virtually
any type of output capacitor. For most cases,
compensating the device only requires two external
components, providing maximum flexibility and ease
of use. The device is optimized to work over the input
voltage range of 2.95V to 5.5V making it suited for a
wide variety of low voltage systems.
The device features internal over voltage protection
(OVP) and over current protection (OCP) circuits for
increased system reliability. A precision enable pin
and integrated UVLO allows the turn on of the device
to be tightly controlled and sequenced. Start-up
inrush currents are limited by both an internally fixed
and externally adjustable Soft-Start circuit. Fault
detection and supply sequencing is possible with the
integrated power good circuit.
The LM20123 is designed to work well in multi-rail
power supply architectures. The output voltage of the
device can be configured to track a higher voltage rail
using the SS/TRK pin. If the output of the LM20123 is
pre-biased at startup it will not sink current to pull the
output low until the internal soft-start ramp exceeds
the voltage at the feedback pin.
The LM20123 is offered in a 16-pin HTSSOP
package with an exposed pad that can be soldered to
the PCB, eliminating the need for bulky heatsinks.




Similar Part No. - LM20123

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20123 NSC-LM20123 Datasheet
581Kb / 20P
3A, 1.5MHz PowerWise짰 Synchronous Buck Regulator
LM20123 NSC-LM20123 Datasheet
581Kb / 20P
3A, 1.5MHz PowerWise짰 Synchronous Buck Regulator
logo
Texas Instruments
LM20123 TI-LM20123 Datasheet
1Mb / 29P
LM20123/LM20123Q 3A, 1.5MHz PowerWise Synchronous Buck Regulator
LM20123 TI-LM20123 Datasheet
1Mb / 29P
LM20123/LM20123Q 3A, 1.5MHz PowerWise짰 Synchronous Buck Regulator
logo
National Semiconductor ...
LM20123MH NSC-LM20123MH Datasheet
581Kb / 20P
3A, 1.5MHz PowerWise짰 Synchronous Buck Regulator
More results


Similar Description - LM20123

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6659 SIPEX-SP6659 Datasheet
201Kb / 10P
1.5MHz, 600mA Synchronous Buck Regulator
logo
National Semiconductor ...
LM20123 NSC-LM20123 Datasheet
581Kb / 20P
3A, 1.5MHz PowerWise짰 Synchronous Buck Regulator
LM20123 NSC-LM20123_08 Datasheet
581Kb / 20P
3A, 1.5MHz PowerWise짰 Synchronous Buck Regulator
logo
SHANGHAI BELLING CO., L...
BL8529 BELLING-BL8529 Datasheet
771Kb / 5P
3A 1.5MHz 5.5V Synchronous Buck Converter
logo
ACE Technology Co., LTD...
ACE723A ACE-ACE723A Datasheet
643Kb / 8P
3A 1.5MHz 5.5V Synchronous Buck Converter
VER 1.3
logo
Texas Instruments
LM20123MH TI-LM20123MH Datasheet
1Mb / 29P
LM20123/LM20123Q 3A, 1.5MHz PowerWise Synchronous Buck Regulator
logo
Anpec Electronics Corop...
APW7104A ANPEC-APW7104A Datasheet
267Kb / 16P
1.5MHz, 1A Synchronous Buck Regulator
logo
Texas Instruments
LM20123 TI-LM20123_15 Datasheet
1Mb / 29P
LM20123/LM20123Q 3A, 1.5MHz PowerWise짰 Synchronous Buck Regulator
LM20133 TI-LM20133_15 Datasheet
1Mb / 29P
3A, PowerWise Synchronous Buck Regulator with Input Synchronization
logo
Anpec Electronics Corop...
APW7506A ANPEC-APW7506A Datasheet
220Kb / 19P
1.5MHz, 1A Synchronous Buck Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com