Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4991 Datasheet (PDF) - Texas Instruments

LM4991 Datasheet PDF - Texas Instruments
Part # LM4991
Download  LM4991 Download
File Size   833.44 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4991 3W Audio Power Amplifier with Shutdown Mode

LM4991 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4991 Datasheet PDF - Texas Instruments

Part # LM4991
Download  LM4991 Click to download

File Size   833.44 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4991 3W Audio Power Amplifier with Shutdown Mode

LM4991 Datasheet (HTML) - Texas Instruments


LM4991 Product details

1FEATURES
2• Available in Space-Saving WSON and SOIC
Packages
• Ultra Low Current Shutdown Mode
• Can Drive Capacitive Loads up to 500pF
• Improved Click and Pop Circuitry Reduces
Noises During Turn-On and Turn-Off
Transitions
• 2.2 - 5.5V Operation
• No Output Coupling Capacitors, Snubber
Networks, Bootstrap Capacitors or Gain-
Setting Resistors Required
• Unity-Gain Stable

APPLICATIONS
• Wireless and Cellular Handsets
• PDAs
• Portable Computers
• Desktop Computers

KEY SPECIFICATIONS
• Improved PSRR at 217kHz and 1kHz: 64 dB
(typ)
• PO at VDD = 5.0V, 10% THD, 1kHz
– LM4991LD (only), 3Ω, 4Ω: 3W (typ), 2.5 W
(typ)
– All packages, 8Ω load: 1.5 W (typ)
• Shutdown current: 0.1μA (typ)

DESCRIPTION
The LM4991 is a mono bridged audio power amplifier
capable of delivering 3W of continuous average
power into a 3Ω load with less than 10% THD when
powered by a 5V power supply (see Note below). To
conserve power in portable applications, the
LM4991's micropower shutdown mode (ISD = 0.1μA,
typ) is activated when VDD is applied to the
SHUTDOWN pin.
Boomer audio power amplifiers are designed
specifically to provide high power, high fidelity audio output. They require few external components and
operate on low supply voltages from 2.2V to 5.5V.
Since the LM4991 does not require output coupling
capacitors, bootstrap capacitors, or snubber
networks, it is ideally suited for low-power portable
systems that require minimum volume and weight.
Additional LM4991 features include thermal shutdown
protection, unity-gain stability, and external gain set.
Note: An LM4991LD that has been properly mounted
to a circuit board will deliver 3W into 3Ω (at 10% THD). The other package options for the LM4991 will
deliver 1.5W into 8Ω (at 10% THD). See the
Application Information sections for further
information concerning the LM4991LD and
LM4991M.




Similar Part No. - LM4991

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4991 NSC-LM4991 Datasheet
543Kb / 15P
3W Audio Power Amplifier with Shutdown Mode
logo
Texas Instruments
LM4991 TI-LM4991 Datasheet
989Kb / 22P
3W Audio Power Amplifier with Shutdown Mode
logo
National Semiconductor ...
LM4991LD NSC-LM4991LD Datasheet
543Kb / 15P
3W Audio Power Amplifier with Shutdown Mode
logo
Texas Instruments
LM4991LD/NOPB TI-LM4991LD/NOPB Datasheet
989Kb / 22P
3W Audio Power Amplifier with Shutdown Mode
LM4991LDX/NOPB TI-LM4991LDX/NOPB Datasheet
989Kb / 22P
3W Audio Power Amplifier with Shutdown Mode
More results


Similar Description - LM4991

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4991 NSC-LM4991 Datasheet
543Kb / 15P
3W Audio Power Amplifier with Shutdown Mode
LM4871 NSC-LM4871_03 Datasheet
469Kb / 16P
3W Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862 Datasheet
125Kb / 5P
AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4871MM TI1-LM4871MM Datasheet
1Mb / 23P
3W Audio Power Amplifier with Shutdown Mode
logo
SG Micro Corp
SGM4871 SGMICRO-SGM4871 Datasheet
331Kb / 12P
Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862_15 Datasheet
153Kb / 4P
AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4991 TI-LM4991_15 Datasheet
989Kb / 22P
3W Audio Power Amplifier with Shutdown Mode
logo
SHOUDING Shouding Semic...
SD8002A SHOUDING-SD8002A Datasheet
1Mb / 10P
3W Mono with Shutdown Mode Audio Power Amplifier
SD8002D SHOUDING-SD8002D Datasheet
635Kb / 3P
3W Mono with Shutdown Mode Audio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HM8002 HMSEMI-HM8002 Datasheet
394Kb / 8P
3W mono audio power amplifier with shutdown mode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com