Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4991 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM4991
Description  LM4991 3W Audio Power Amplifier with Shutdown Mode
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4991 Datasheet(HTML) 2 Page - Texas Instruments

  LM4991 Datasheet HTML 1Page - Texas Instruments LM4991 Datasheet HTML 2Page - Texas Instruments LM4991 Datasheet HTML 3Page - Texas Instruments LM4991 Datasheet HTML 4Page - Texas Instruments LM4991 Datasheet HTML 5Page - Texas Instruments LM4991 Datasheet HTML 6Page - Texas Instruments LM4991 Datasheet HTML 7Page - Texas Instruments LM4991 Datasheet HTML 8Page - Texas Instruments LM4991 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
LM4991
SNAS217A – MAY 2004 – REVISED APRIL 2013
www.ti.com
Typical Application
Figure 3. Typical Audio Amplifier Application Circuit
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage
6.0V
Supply Temperature
−65°C to +150°C
Input Voltage
−0.3V to VDD to +0.3V
Power Dissipation(3)
Internally Limited
ESD Susceptibility(4)
2000V
ESD Susceptibility(5)
200V
Junction Temperature
150°C
Thermal Resistance
θJC (LD)
(6)
4.3°C/W
θJA (LD)
56°C/W
θJC (MA)
35°C/W
θJA (MA)
140°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics VDD= 5V state DC and AC
electrical specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within
the Operating Ratings. Specifications are not ensure for parameters where no limit is given, however, the typical value is a good
indication of device performance.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature
TA. The maximum allowable power dissipation is PDMAX = (TJMAX–TA)/θJA or the number given in Absolute Maximum Ratings, whichever
is lower. For the LM4991, TJMAX = 150°C. For the θJA's for different packages, please see theApplication Information section or the
Absolute Maximum Ratings section.
(4)
Human body model, 100pF discharged through a 1.5k
Ω resistor.
(5)
Machine Model, 220pF–240pF discharged through all pins.
(6)
The given
θJA is for an LM4991 packaged in an LDC08A with the Exposed–DAP soldered to an exposed 1in
2 area of 1oz printed circuit
board copper.
Operating Ratings
Temperature Range
TMIN ≤ TA ≤ TMAX
−40°C ≤ TA ≤ +85°C
Supply Voltage
2.2V
≤ VDD ≤ 5.5V
2
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM4991



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com