Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4991 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM4991
Description  LM4991 3W Audio Power Amplifier with Shutdown Mode
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4991 Datasheet(HTML) 4 Page - Texas Instruments

  LM4991 Datasheet HTML 1Page - Texas Instruments LM4991 Datasheet HTML 2Page - Texas Instruments LM4991 Datasheet HTML 3Page - Texas Instruments LM4991 Datasheet HTML 4Page - Texas Instruments LM4991 Datasheet HTML 5Page - Texas Instruments LM4991 Datasheet HTML 6Page - Texas Instruments LM4991 Datasheet HTML 7Page - Texas Instruments LM4991 Datasheet HTML 8Page - Texas Instruments LM4991 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
LM4991
SNAS217A – MAY 2004 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics VDD = 3V
(1) (2) (continued)
The following specifications apply for VDD = 3V and RL = 8Ω unless otherwise specified. Limits apply for TA = 25°C.
LM4991
Parameter
Test Conditions
Units
Typ(3)
Limit(4)
(Limits)
PSRR
Power Supply Rejection Ratio VRIPPLE = 200mV sine p-p,
Input terminated with 10
Ω,
68
dB
f = 1kHz
Electrical Characteristics VDD = 2.6V
(1) (2)
The following specifications apply for VDD = 2.6V and RL = 8Ω unless otherwise specified. Limits apply for TA = 25°C.
LM4991
Parameter
Test Conditions
Units
Typ(3)
Limits(4)
(Limits)
Quiescent Power Supply Current VIN = 0V, no Load
2
IDD
mA (max)
VIN = 0V, RL = 8Ω
3
ISD
Shutdown Current
VSHUTDOWN = VDD
0.1
µA(max)
VSDIH
Shutdown Voltage Input High
1
V
VSDIL
Shutdown Voltage Input Low
0.9
V
VOS
Output Offset Voltage
5
35
mV (max)
THD = 1% (max), f = 1kHz
RL = 4Ω
400
mW
Po
Output Power
RL = 8Ω
300
%
THD+N
Total Harmonic Distortion+Noise
PO = 0.15W, f = 1kHz
0.1
PSRR
Power Supply Rejection Ratio
VRIPPLE = 200mV sine p-p,
Input terminated with 10
Ω,
51
dB
f = 1kHz
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics VDD= 5V state DC and AC
electrical specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within
the Operating Ratings. Specifications are not ensure for parameters where no limit is given, however, the typical value is a good
indication of device performance.
(2)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(3)
Typicals are specified at 25°C and represent the parametric norm.
(4)
Limits are ensured to AOQL (Average Outgoing Quality Level).
External Components Description
(Figure 3)
Components
Functional Description
1.
Ri
Inverting input resistance that sets the closed-loop gain in conjunction with Rf. This resistor also forms a high pass filter
with Ci at fC= 1/(2π RiCi).
2.
Ci
Input coupling capacitor that blocks the DC voltage at the amplifiers input terminals. Also creates a highpass filter with
Ri at fc = 1/(2π RiCi). Refer to the section, PROPER SELECTION OF EXTERNAL COMPONENTS, for an explanation
of how to determine the value of Ci.
3.
Rf
Feedback resistance that sets the closed-loop gain in conjunction with Ri.
4.
CS
Supply bypass capacitor that provides power supply filtering. Refer to the POWER SUPPLY BYPASSING section for
information concerning proper placement and selection of the supply bypass capacitor.
5.
CB
Bypass pin capacitor that provides half-supply filtering. Refer to the section, PROPER SELECTION OF EXTERNAL
COMPONENTS, for information concerning proper placement and selection of CB.
4
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM4991



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com