Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC7221 Datasheet (PDF) - Texas Instruments

LMC7221 Datasheet PDF - Texas Instruments
Part # LMC7221
Download  LMC7221 Download
File Size   879.18 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMC7221 Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output

LMC7221 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMC7221 Datasheet PDF - Texas Instruments

Part # LMC7221
Download  LMC7221 Click to download

File Size   879.18 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMC7221 Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output

LMC7221 Datasheet (HTML) - Texas Instruments


LMC7221 Product details

1FEATURES
2• Tiny 5-Pin SOT-23 package saves space
• Package is less than 1.43 mm thick
• Ensured specs at 2.7V, 5V, 15V supplies
• Typical supply current 7 μA at 5V
• Response time of 4 μs at 5V
• LMC7221—open drain output
• Input common-mode range beyond V− and V+
• Low input current

APPLICATIONS
• Mixed voltage battery powered products
• Notebooks and PDAs
• PCMCIA cards
• Mobile communications
• Alarm and security circuits
• Driving low current LEDs
• Direct sensor interface

DESCRIPTION
The LM7221 is a micropower CMOS comparator
available in the space saving 5-Pin SOT-23 package.
This makes this comparator ideal for space and
weight critical designs. The LMC7221 is also
available in the 8-Pin SOIC package. The LMC7221
is supplied in two offset voltage grades, 5 mV and 15 mV.
The open drain output can be pulled up with a
resistor to a voltage which can be higher or lower
than the supply voltage—this makes the part useful
for mixed voltage systems.
For a tiny comparator with a push-pull output, please
see the LMC7211 datasheet.




Similar Part No. - LMC7221

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC7221 NSC-LMC7221 Datasheet
271Kb / 12P
Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC7221 NSC-LMC7221 Datasheet
699Kb / 13P
Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
logo
Texas Instruments
LMC7221 TI1-LMC7221 Datasheet
1Mb / 21P
LMC7221 Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
logo
National Semiconductor ...
LMC7221AIM NSC-LMC7221AIM Datasheet
271Kb / 12P
Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC7221AIM NSC-LMC7221AIM Datasheet
699Kb / 13P
Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
More results


Similar Description - LMC7221

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6772 NSC-LMC6772 Datasheet
288Kb / 11P
Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC7221 NSC-LMC7221 Datasheet
271Kb / 12P
Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC7221 NSC-LMC7221_06 Datasheet
699Kb / 13P
Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
logo
Texas Instruments
LMC7211 TI1-LMC7211 Datasheet
431Kb / 18P
Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC6772AIMMX_NOPB TI1-LMC6772AIMMX_NOPB Datasheet
1Mb / 25P
Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC7221BIM TI1-LMC7221BIM Datasheet
1Mb / 20P
LMC7221 Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC6772 TI1-LMC6772 Datasheet
1Mb / 27P
Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC7221 TI1-LMC7221_14 Datasheet
1Mb / 21P
LMC7221 Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC6772 TI-LMC6772_15 Datasheet
1Mb / 25P
Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
logo
Global Mixed-mode Techn...
G1335 GMT-G1335 Datasheet
160Kb / 1P
Rail-to-Rail CMOS Comparator with Open-Drain Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com