Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC7221 Datasheet(PDF) 9 Page - Texas Instruments

Part # LMC7221
Description  LMC7221 Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMC7221 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMC7221 Datasheet HTML 5Page - Texas Instruments LMC7221 Datasheet HTML 6Page - Texas Instruments LMC7221 Datasheet HTML 7Page - Texas Instruments LMC7221 Datasheet HTML 8Page - Texas Instruments LMC7221 Datasheet HTML 9Page - Texas Instruments LMC7221 Datasheet HTML 10Page - Texas Instruments LMC7221 Datasheet HTML 11Page - Texas Instruments LMC7221 Datasheet HTML 12Page - Texas Instruments LMC7221 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LMC7221
www.ti.com
SNOS748E – SEPTEMBER 1999 – REVISED MARCH 2013
OPEN DRAIN OUTPUT
Output Stage
Figure 17. Output Stage
Figure 17 shows the difference between push-pull output and open drain output.
Push pull outputs will have a conventional high or low digital output, the same as a logic gate. Low will be the
negative supply rail (usually ground) and high will be the positive supply rail.
This is useful if the chips you are interfacing to run on the same supply voltage as the comparator. An example
would be an all +5V system.
Open drain outputs will only pull low—for the high output they depend on an external pull-up resistor. This can
pull up to a voltage higher or lower than the comparator supply voltage. This voltage can be as high as 15V. This
makes the open drain parts useful in mixed voltage systems. An example would be where the comparator runs at
5V and the logic circuits are at 3.3V. The pull-up resistor would go to the 3.3V supply.
Open drain outputs are the CMOS equivalent of open collector outputs.
OUTPUT SHORT CIRCUIT CURRENT
The LMC7221 has short circuit protection of 40 mA. However, it is not designed to withstand continuous short
circuits, transient voltage or current spikes, or shorts to any voltage beyond the supplies. A resistor in series with
the output should reduce the effect of shorts. For outputs which send signals off PC boards additional protection
devices, such as diodes to the supply rails, and varistors may be used.
INPUT PROTECTION
If input signals are likely to exceed the common mode range of the LMC7221, or it is likely that signals may be
present when power is off, damage to the LMC7221 may occur. Large value (100 k
Ω to MΩ) input resistors may
reduce the likelihood of damage by limiting the input currents. Since the LMC7221 has very low input leakage
currents, the effect on accuracy will be small. Additional protection may require the use of diodes, as shown in
Figure 18. Note that diode leakage current may affect accuracy during normal operation.
The R-C time constant of RIN and the diode capacitance may also slow response time.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMC7221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com