Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC7221 Datasheet(PDF) 3 Page - Texas Instruments

Part # LMC7221
Description  LMC7221 Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMC7221 Datasheet(HTML) 3 Page - Texas Instruments

  LMC7221 Datasheet HTML 1Page - Texas Instruments LMC7221 Datasheet HTML 2Page - Texas Instruments LMC7221 Datasheet HTML 3Page - Texas Instruments LMC7221 Datasheet HTML 4Page - Texas Instruments LMC7221 Datasheet HTML 5Page - Texas Instruments LMC7221 Datasheet HTML 6Page - Texas Instruments LMC7221 Datasheet HTML 7Page - Texas Instruments LMC7221 Datasheet HTML 8Page - Texas Instruments LMC7221 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LMC7221
www.ti.com
SNOS748E – SEPTEMBER 1999 – REVISED MARCH 2013
2.7V Electrical Characteristics (continued)
Unless otherwise specified, all limits ensured for TJ = 25°C, V
+ = 2.7V, V− = 0V, V
CM = VO = V
+/2. Boldface limits apply at the
temperature extremes.
Parameter
Test Conditions
LMC7221AI
LMC7221BI
Units
Typ(1)
Limit(2)
Limit(2)
AV
Voltage Gain
100
dB
CMVR
Input Common-Mode Voltage
CMRR > 55 dB
3.0
2.9
2.9
V
Range
2.7
2.7
min
CMRR > 55 dB
−0.3
−0.2
−0.2
V
0.0
0.0
max
VOL
Output Voltage Low
ILOAD = 2.5 mA
0.2
0.3
0.3
V
0.4
0.4
max
IS
Supply Current
VOUT = Low
7
12
12
μA
14
14
max
5.0V and 15.0V Electrical Characteristics
Unless otherwise specified, all limits ensured for TJ = 25°C, V
+ = 5.0V and 15V, V− = 0V, V
CM = VO = V
+/2. Boldface limits
apply at the temperature extremes.
Parameter
Test Conditions
LMC7221AI
LMC7221BI
Units
Typ(1)
Limit(2)
Limit(2)
VOS
Input Offset Voltage
3
5
15
mV
8
18
max
TCVOS
Input Offset Voltage Temperature
V+ = 5V
1.0
μV/°C
Drift
V+ = 15V
4.0
Input Offset Voltage Average Drift V+ = 5V (3)
3.3
μV/Month
V+ = 15V (3)
4.0
IB
Input Current
0.04
pA
IOS
Input Offset Current
0.02
pA
CMRR
Common Mode Rejection Ration
V+ = 5.0V
75
dB
V+ = 15.0V
82
dB
PSRR
Power Supply Rejection Ratio
5V
≤ V+ ≤ 10V
80
dB
AV
Voltage Gain
100
dB
CMVR
Input Common-Mode Voltage
V+ = 5.0V
5.3
5.2
5.2
V
Range
CMRR > 55 dB
5.0
5.0
min
V+ = 5.0V
−0.3
−0.2
−0.2
V
CMRR > 55 dB
0.0
0.0
max
V+ = 15.0V
15.3
15.2
15.2
V
CMRR > 55 dB
15.0
15.0
min
V+ = 15.0V
−0.3
−0.2
−0.2
V
CMRR > 55 dB
0.0
0.0
max
VOL
Output Voltage Low
V+ = 5V
0.2
0.40
0.40
mV
ILOAD = 5 mA
0.55
0.55
max
V+ = 15V
0.2
0.40
0.40
mV
ILOAD = 5 mA
0.55
0.55
max
IS
Supply Current
VOUT = Low
7
14
14
μA
18
18
max
(1)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(2)
All limits are specified by testing or statistical analysis.
(3)
CL includes the probe and test jig capacitance.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMC7221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com