Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLAS787B Datasheet (PDF) - Texas Instruments

SLAS787B Datasheet PDF - Texas Instruments
Part # SLAS787B
Download  SLAS787B Download
File Size   885.28 Kbytes
Page   52 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MSP430G2231 Automotive Mixed-Signal Microcontroller

SLAS787B Datasheet (PDF)

Go To PDF Page Download Datasheet
SLAS787B Datasheet PDF - Texas Instruments

Part # SLAS787B
Download  SLAS787B Click to download

File Size   885.28 Kbytes
Page   52 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MSP430G2231 Automotive Mixed-Signal Microcontroller

SLAS787B Datasheet (HTML) - Texas Instruments


SLAS787B Product details

1 Features
• Qualified for Automotive Applications
• Low Supply-Voltage Range: 1.8 V to 3.6 V
• Ultra-Low-Power Consumption
– Active Mode: 220 μA at 1 MHz, 2.2 V
– Standby Mode: 0.5 μA
– Off Mode (RAM Retention): 0.1 μA
• Five Power-Saving Modes
• Ultra-Fast Wakeup From Standby Mode in Less
Than 1 μs
• 16-Bit RISC Architecture, 62.5-ns Instruction
Cycle Time
• Basic Clock Module Configurations
– Internal Frequencies up to 16 MHz With One
Calibrated Frequency
– Internal Very Low Power Low-Frequency (LF)
Oscillator
– 32-kHz Crystal
– External Digital Clock Source
• 16-Bit Timer_A With Two Capture/Compare
Registers
• Universal Serial Interface (USI) Supports SPI and
I2C
• Brownout Detector
• 10-Bit 200-ksps Analog-to-Digital Converter (ADC)
With Internal Reference, Sample-and-Hold, and
Autoscan
• Serial Onboard Programming,
No External Programming Voltage Needed,
Programmable Code Protection by Security Fuse
• On-Chip Emulation Logic With Spy-Bi-Wire
Interface
• For Family Members Details, See Device
Characteristics
• Available Packages
– 14-Pin Plastic Small-Outline Thin Package
(TSSOP) (PW)
– 16-Pin QFN Package (RSA)
• For Complete Module Descriptions, See the
MSP430x2xx Family User’s Guide (SLAU144)

2 Applications
• Low-Cost Sensor Systems

3 Description
The Texas Instruments MSP430™ family of ultra-low- power microcontrollers consists of several devices
featuring different sets of peripherals targeted for
various applications. The architecture, combined with
five low-power modes, is optimized to achieve extended battery life in portable measurement
applications. The device features a powerful 16-bit
RISC CPU, 16-bit registers, and constant generators
that contribute to maximum code efficiency. The
digitally controlled oscillator (DCO) allows wake-up
from low-power modes to active mode in less than 1 μs.
The MSP430G2231 devices are ultra-low-power
mixed signal microcontrollers with a built-in 16-bit
timer and ten I/O pins. The MSP430G2231 devices
have a 10-bit A/D converter and built-in
communication capability using synchronous
protocols (SPI or I2C). For configuration details, see
Table 1.
Typical applications include low-cost sensor systems
that capture analog signals, convert them to digital
values, and then process the data for display or for transmission to a host system.




Similar Part No. - SLAS787B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLAS753 TI1-SLAS753 Datasheet
627Kb / 44P
MIXED SIGNAL MICROCONTROLLER
SLAS753A TI1-SLAS753A Datasheet
627Kb / 44P
MIXED SIGNAL MICROCONTROLLER
SLAS753B TI1-SLAS753B Datasheet
627Kb / 44P
MIXED SIGNAL MICROCONTROLLER
SLAS753C TI1-SLAS753C Datasheet
627Kb / 44P
MIXED SIGNAL MICROCONTROLLER
SLAS753D TI1-SLAS753D Datasheet
627Kb / 44P
MIXED SIGNAL MICROCONTROLLER
More results


Similar Description - SLAS787B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X43X1 TI-MSP430X43X1 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430F23X0 TI-MSP430F23X0 Datasheet
1Mb / 64P
MIXED SIGNAL MICROCONTROLLER
MSP430X47X3 TI-MSP430X47X3_07 Datasheet
1Mb / 76P
MIXED SIGNAL MICROCONTROLLER
MSP430X43X1 TI-MSP430X43X1_08 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA Datasheet
670Kb / 44P
MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
MIXED SIGNAL MICROCONTROLLER
MSP430F533 TI1-MSP430F533 Datasheet
918Kb / 101P
MIXED SIGNAL MICROCONTROLLER
MSP430F534 TI1-MSP430F534 Datasheet
779Kb / 83P
MIXED SIGNAL MICROCONTROLLER
MSP430G2231-Q1 TI1-MSP430G2231-Q1_14 Datasheet
1Mb / 54P
Automotive Mixed-Signal Microcontroller
MSP430G2333-Q1 TI1-MSP430G2333-Q1 Datasheet
1Mb / 62P
Automotive Mixed-Signal Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com