Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLAS787B Datasheet(PDF) 6 Page - Texas Instruments

Part # SLAS787B
Description  MSP430G2231 Automotive Mixed-Signal Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLAS787B Datasheet(HTML) 6 Page - Texas Instruments

Back Button SLAS787B Datasheet HTML 2Page - Texas Instruments SLAS787B Datasheet HTML 3Page - Texas Instruments SLAS787B Datasheet HTML 4Page - Texas Instruments SLAS787B Datasheet HTML 5Page - Texas Instruments SLAS787B Datasheet HTML 6Page - Texas Instruments SLAS787B Datasheet HTML 7Page - Texas Instruments SLAS787B Datasheet HTML 8Page - Texas Instruments SLAS787B Datasheet HTML 9Page - Texas Instruments SLAS787B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
MSP430G2231-Q1
SLAS787B – NOVEMBER 2011 – REVISED MARCH 2014
www.ti.com
7.3 Terminal Functions
Table 2. Terminal Functions
TERMINAL
NO.
I/O
DESCRIPTION
NAME
PW
RSA
P1.0/
General-purpose digital I/O pin
TA0CLK/
Timer0_A, clock signal TACLK input
2
1
I/O
ACLK/
ACLK signal output
A0
ADC10 analog input A0
P1.1/
General-purpose digital I/O pin
TA0.0/
3
2
I/O
Timer0_A, capture: CCI0A input, compare: Out0 output
A1
ADC10 analog input A1
P1.2/
General-purpose digital I/O pin
TA0.1/
4
3
I/O
Timer0_A, capture: CCI1A input, compare: Out1 output
A2
ADC10 analog input A2
P1.3/
General-purpose digital I/O pin
ADC10CLK/
ADC10, conversion clock output
5
4
I/O
A3/
ADC10 analog input A3
VREF-/VEREF
ADC10 negative reference voltage
P1.4/
General-purpose digital I/O pin
SMCLK/
SMCLK signal output
A4/
6
5
I/O
ADC10 analog input A4
VREF+/VEREF+/
ADC10 positive reference voltage
TCK
JTAG test clock, input terminal for device programming and test
P1.5/
General-purpose digital I/O pin
TA0.0/
Timer0_A, compare: Out0 output
A5/
7
6
I/O
ADC10 analog input A5
SCLK/
USI: clock input in I2C mode; clock input/output in SPI mode
TMS
JTAG test mode select, input terminal for device programming and test
P1.6/
General-purpose digital I/O pin
TA0.1/
Timer0_A, capture: CCI1A input, compare: Out1 output
A6/
ADC10 analog input A6
8
7
I/O
SDO/
USI: Data output in SPI mode
SCL/
USI: I2C clock in I2C mode
TDI/TCLK
JTAG test data input or test clock input during programming and test
P1.7/
General-purpose digital I/O pin
A7/
ADC10 analog input A7
SDI/
9
8
I/O
USI: Data input in SPI mode
SDA/
USI: I2C data in I2C mode
TDO/TDI(1)
JTAG test data output terminal or test data input during programming and test
XIN/
Input terminal of crystal oscillator
P2.6/
13
12
I/O
General-purpose digital I/O pin
TA0.1
Timer0_A, compare: Out1 output
XOUT/
Output terminal of crystal oscillator(2)
12
11
I/O
P2.7
General-purpose digital I/O pin
RST/
Reset
NMI/
10
9
I
Nonmaskable interrupt input
SBWTDIO
Spy-Bi-Wire test data input/output during programming and test
TEST/
Selects test mode for JTAG pins on Port 1. The device protection fuse is connected to TEST.
11
10
I
SBWTCK
Spy-Bi-Wire test clock input during programming and test
DVCC
1
15, 16
NA
Supply voltage
DVSS
14
13, 14
NA
Ground reference
QFN Pad
-
Pad
NA
QFN package pad connection to VSS recommended.
(1)
TDO or TDI is selected via JTAG instruction.
(2)
If XOUT/P2.7 is used as an input, excess current flows until P2SEL.7 is cleared. This is due to the oscillator output driver connection to
this pad after reset.
6
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: MSP430G2231-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com