Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLAS787B Datasheet(PDF) 3 Page - Texas Instruments

Part # SLAS787B
Description  MSP430G2231 Automotive Mixed-Signal Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLAS787B Datasheet(HTML) 3 Page - Texas Instruments

  SLAS787B Datasheet HTML 1Page - Texas Instruments SLAS787B Datasheet HTML 2Page - Texas Instruments SLAS787B Datasheet HTML 3Page - Texas Instruments SLAS787B Datasheet HTML 4Page - Texas Instruments SLAS787B Datasheet HTML 5Page - Texas Instruments SLAS787B Datasheet HTML 6Page - Texas Instruments SLAS787B Datasheet HTML 7Page - Texas Instruments SLAS787B Datasheet HTML 8Page - Texas Instruments SLAS787B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
MSP430G2231-Q1
www.ti.com
SLAS787B – NOVEMBER 2011 – REVISED MARCH 2014
Table of Contents
9.18
Crystal Oscillator, Xt1, Low-Frequency Mode ..... 25
1
Features ................................................................. 1
9.19
Internal Very-Low-Power Low-Frequency Oscillator
2
Applications .......................................................... 1
(VLO) ...................................................................... 25
3
Description ............................................................ 1
9.20
Timer_A ................................................................ 25
4
Functional Block Diagram ................................... 2
9.21
USI, Universal Serial Interface ............................. 26
5
Revision History ................................................... 4
9.22
Typical Characteristics – USI Low-Level Output
6
Device Characteristics ......................................... 4
Voltage On SDA and SCL ...................................... 26
9.23
10-Bit ADC, Power Supply and Input Range
7
Terminal Configuration and Functions ............... 5
Conditions ............................................................... 27
7.1
14-Pin PW Package (Top View) .............................. 5
9.24
10-Bit ADC, Built-In Voltage Reference ............... 28
7.2
16-Pin RSA Package (Top View) ............................. 5
9.25
10-Bit ADC, External Reference .......................... 29
7.3
Terminal Functions .................................................. 6
9.26
10-Bit ADC, Timing Parameters ........................... 29
8
Detailed Description ............................................. 7
9.27
10-Bit ADC, Linearity Parameters ........................ 29
8.1
CPU .......................................................................... 7
9.28
10-Bit ADC, Temperature Sensor and Built-In VMID
8.2
Instruction Set .......................................................... 7
................................................................................. 30
8.3
Operating Modes ..................................................... 8
9.29
Flash Memory ...................................................... 30
8.4
Interrupt Vector Addresses ...................................... 9
9.30
RAM ..................................................................... 31
8.5
Special Function Registers (SFRs) ........................ 10
9.31
JTAG and Spy-Bi-Wire Interface .......................... 31
8.6
Memory Organization ............................................. 11
9.32
JTAG Fuse ........................................................... 31
8.7
Flash Memory ........................................................ 11
10
I/O Port Schematics ........................................... 32
8.8
Peripherals ............................................................. 12
10.1
Port P1 Pin Schematic: P1.0 To P1.2, Input/Output
9
Specifications ...................................................... 16
With Schmitt Trigger ............................................... 32
9.1
Absolute Maximum Ratings ................................... 16
10.2
Port P1 Pin Schematic: P1.3, Input/Output With
9.2
Recommended Operating Conditions .................... 16
Schmitt Trigger ........................................................ 34
9.3
Active Mode Supply Current Into VCC Excluding
10.3
Port P1 Pin Schematic: P1.4, Input/Output With
External Current ...................................................... 17
Schmitt Trigger ........................................................ 35
9.4
Typical Characteristics – Active Mode Supply Current
10.4
Port P1 Pin Schematic: P1.5, Input/Output With
(Into VCC) ................................................................ 17
Schmitt Trigger ........................................................ 36
9.5
Low-Power Mode Supply Currents (Into VCC)
10.5
Port P1 Pin Schematic: P1.6, Input/Output With
Excluding External Current ..................................... 18
Schmitt Trigger ........................................................ 37
9.6
Typical Characteristics, Low-Power Mode Supply
10.6
Port P1 Pin Schematic: P1.7, Input/Output With
Currents .................................................................. 18
Schmitt Trigger ........................................................ 38
9.7
Schmitt-Trigger Inputs – Ports Px .......................... 19
10.7
Port P2 Pin Schematic: P2.6, Input/Output With
Schmitt Trigger ........................................................ 39
9.8
Leakage Current – Ports Px .................................. 19
10.8
Port P2 Pin Schematic: P2.7, Input/Output With
9.9
Outputs – Ports Px ................................................. 19
Schmitt Trigger ........................................................ 40
9.10
Output Frequency – Ports Px .............................. 19
11
Device and Documentation Support ................ 41
9.11
Typical Characteristics – Outputs ........................ 20
11.1
Device Support .................................................... 41
9.12
POR, BOR ........................................................... 21
11.2
Documentation Support ....................................... 43
9.13
Main DCO Characteristics ................................... 23
11.3
Community Resources ......................................... 43
9.14
DCO Frequency ................................................... 23
11.4
Trademarks .......................................................... 44
9.15
Calibrated DCO Frequencies – Tolerance ........... 24
11.5
Electrostatic Discharge Caution ........................... 44
9.16
Wakeup From Lower-Power Modes (LPM3,
LPM4) – Electrical Characteristics .......................... 24
11.6
Glossary ............................................................... 44
9.17
Typical Characteristics – DCO Clock Wakeup Time
12
Mechanical, Packaging, and Orderable
From LPM3, LPM4 .................................................. 24
Information .......................................................... 44
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: MSP430G2231-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com