Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RELIOR1 Datasheet (PDF) - Sealevel Systems, Inc.

RELIOR1 Datasheet PDF - Sealevel Systems, Inc.
Part # RELIOR1
Download  RELIOR1 Download
File Size   233.8 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description Relio R1 Industrial Computer - Compact, Rugged, and Configurable

RELIOR1 Datasheet (PDF)

Go To PDF Page Download Datasheet
RELIOR1 Datasheet PDF - Sealevel Systems, Inc.

Part # RELIOR1
Download  RELIOR1 Click to download

File Size   233.8 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description Relio R1 Industrial Computer - Compact, Rugged, and Configurable

RELIOR1 Datasheet (HTML) - Sealevel Systems, Inc.


RELIOR1 Product details

Features
• Compact, extreme rugged, anodized aluminum enclosure
• Zero maintenance — silent, solid-state design with no fans or other
moving parts
• Designed to exceed military shock and vibration specifications
• Wide temperature operation from -40°C to 71°C
(-40°F to 160°F) ambient
• COM Express Type 6 Compact Module supports single, dual and quadcore
Intel Atom (Bay Trail) processors
• Up to 8 GB DDR3L RAM
• Internal CFast slot is perfect for solid-state disk (SSD) applications
• Internal Mini PCI Express full-length slot supports optional CAN,
wireless, GPS and other expansion options
• Integrated 7th generation Intel graphics hardware
• Choice of digital (DVI-D, HDMI or DisplayPort) and analog (VGA)
display options
• Two 10/100/1000BaseT RJ45 Gigabit Ethernet ports with status LEDs
• One SeaLATCH locking USB 3.0 port
• Pushbutton LED power switch
• One High-Retention, SeaLATCH Locking USB 2.0 Port
• 18-36 VDC power input via 2-pin removable terminal block
• Enclosure Right
• Two High-Retention, SeaLATCH locking USB 2.0 ports
• Two serial ports via 6-pin removable terminal block (Supports 2-wire
RS-232 or RS-485)
• Enclosure Rear
• Optional, rugged shock & vibration resistant DIN Rail bracket
• Threaded mounting holes for additional mounting options




Similar Part No. - RELIOR1

ManufacturerPart #DatasheetDescription
logo
Sealevel Systems, Inc.
RELIOR2 SEALEVEL-RELIOR2 Datasheet
415Kb / 2P
Solid-State, Compact Industrial Computer
RELIOR3 SEALEVEL-RELIOR3 Datasheet
350Kb / 2P
Relio R3 Configurable 3U Rackmount Industrial Computer
RELIOR4 SEALEVEL-RELIOR4 Datasheet
605Kb / 2P
Relio R4 Configurable 1U Rackmount Industrial Computer
RELIOR9 SEALEVEL-RELIOR9 Datasheet
717Kb / 2P
Relio R9™ RISC Embedded Computing
More results


Similar Description - RELIOR1

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
RTC-700A AAEON-RTC-700A Datasheet
604Kb / 2P
RISC-based 7??Rugged Tablet Computer
RTC-700T AAEON-RTC-700T Datasheet
1Mb / 2P
7??Rugged Tablet Computer
RTC-1000A AAEON-RTC-1000A Datasheet
430Kb / 2P
10.2" Rugged Tablet Computer
RTC-1000AS AAEON-RTC-1000AS Datasheet
459Kb / 2P
10.2" Rugged Tablet Computer
RTC-1000D AAEON-RTC-1000D Datasheet
466Kb / 2P
10.2" Rugged Tablet Computer
RTC-1000I AAEON-RTC-1000I Datasheet
464Kb / 2P
10.2" Rugged Tablet Computer
logo
List of Unclassifed Man...
LEC-2050 ETC2-LEC-2050 Datasheet
375Kb / 2P
Rugged Computer with Intel짰 Atom??N270
logo
Adlink Technology Inc.
CM2-BT2 ADLINK-CM2-BT2 Datasheet
582Kb / 4P
Extreme Rugged Single Board Computer
logo
EDA Technology Co.,LTD
ED-CM4IND10-0232-4C-I EDATEC-ED-CM4IND10-0232-4C-I Datasheet
2Mb / 5P
Industrial Computer for IoT, Industrial Control and Automation
ED-IPC2200 EDATEC-ED-IPC2200 Datasheet
612Kb / 6P
High Configurable Industrial Computer Based on Rasberry Pi CM4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com