Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RELIOR2 Datasheet (PDF) - Sealevel Systems, Inc.

RELIOR2 Datasheet PDF - Sealevel Systems, Inc.
Part # RELIOR2
Download  RELIOR2 Download
File Size   415.76 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description Solid-State, Compact Industrial Computer

RELIOR2 Datasheet (PDF)

Go To PDF Page Download Datasheet
RELIOR2 Datasheet PDF - Sealevel Systems, Inc.

Part # RELIOR2
Download  RELIOR2 Click to download

File Size   415.76 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description Solid-State, Compact Industrial Computer

RELIOR2 Datasheet (HTML) - Sealevel Systems, Inc.


RELIOR2 Product details

Features
Intel dual-core i7, i3 or Atom processor
Up to 16GB RAM
Dual Gigabit Ethernet
4 x USB 2.0 ports with locking
SeaLATCH connectors
2 x RS-232 serial ports
1 x RS-485 serial port
DisplayPort video
HD audio
PCI Express half-size Mini Card expansion slot
18-36 VDC operation
Compatible with Windows or Linux
operating systems
Solid-state operation from 0°C – 50°C
Optional 802.11 a/g/n wireless interface




Similar Part No. - RELIOR2

ManufacturerPart #DatasheetDescription
logo
Sealevel Systems, Inc.
RELIOR1 SEALEVEL-RELIOR1 Datasheet
233Kb / 2P
Relio R1 Industrial Computer - Compact, Rugged, and Configurable
RELIOR3 SEALEVEL-RELIOR3 Datasheet
350Kb / 2P
Relio R3 Configurable 3U Rackmount Industrial Computer
RELIOR4 SEALEVEL-RELIOR4 Datasheet
605Kb / 2P
Relio R4 Configurable 1U Rackmount Industrial Computer
RELIOR9 SEALEVEL-RELIOR9 Datasheet
717Kb / 2P
Relio R9™ RISC Embedded Computing
More results


Similar Description - RELIOR2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3TC OMRON-G3TC Datasheet
1Mb / 14P
Solid State Relays for Industrial I/O
G3TC-IDC5DC-AC24 OMRON-G3TC-IDC5DC-AC24 Datasheet
1Mb / 12P
Solid State Relays for Industrial I/O
logo
AVAGO TECHNOLOGIES LIMI...
ASSR-301C AVAGO-ASSR-301C Datasheet
110Kb / 7P
Compact Solid-State Bi-directional Signal Switch
ASSR-1218 AVAGO-ASSR-1218 Datasheet
356Kb / 12P
Compact Solid-State Bi-directional Signal Switch
ASSR-322R AVAGO-ASSR-322R Datasheet
124Kb / 12P
Compact Solid-State Bi-directional Signal Switch
ASSR-1510 AVAGO-ASSR-1510 Datasheet
197Kb / 15P
Compact Solid-State Bi-directional Signal Switch
logo
Picker Components
PCS52 PICKER-PCS52 Datasheet
1Mb / 3P
DC OutPut Compact Solid State Relay
PCS53 PICKER-PCS53 Datasheet
1Mb / 3P
DC Input Compact Solid State Relay
logo
Teledyne Technologies I...
STH TELEDYNE-STH Datasheet
444Kb / 4P
High Industrial Performance (HIPak) Solid-State Relays
logo
List of Unclassifed Man...
1071 ETC2-1071 Datasheet
79Kb / 1P
INDUSTRIAL SOLID STATE TIMER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com