Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RELIOR4 Datasheet (PDF) - Sealevel Systems, Inc.

RELIOR4 Datasheet PDF - Sealevel Systems, Inc.
Part # RELIOR4
Download  RELIOR4 Download
File Size   605.06 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description Relio R4 Configurable 1U Rackmount Industrial Computer

RELIOR4 Datasheet (PDF)

Go To PDF Page Download Datasheet
RELIOR4 Datasheet PDF - Sealevel Systems, Inc.

Part # RELIOR4
Download  RELIOR4 Click to download

File Size   605.06 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description Relio R4 Configurable 1U Rackmount Industrial Computer

RELIOR4 Datasheet (HTML) - Sealevel Systems, Inc.


RELIOR4 Product details

Features
• 1U rackmount enclosure with powder-coated finish
• Silent solid-state design with no fans, internal cables or other
moving parts
• Wide temperature operation from 0-50C ambient
• COM Express Type 6 Module supports Intel dual-core
• Atom, Core i3, and i7 processors
• Up to 16GB DDR3 RAM
• Removable 2.5” solid-state disk (SSD) drive is perfect for
industrial applications
• Integrated graphics supporting DirectX and OpenGL 3.x
• Two SeaRAQ expansion slots for optional analog, digital and serial I/O
• Supports ACPI power management




Similar Part No. - RELIOR4

ManufacturerPart #DatasheetDescription
logo
Sealevel Systems, Inc.
RELIOR1 SEALEVEL-RELIOR1 Datasheet
233Kb / 2P
Relio R1 Industrial Computer - Compact, Rugged, and Configurable
RELIOR2 SEALEVEL-RELIOR2 Datasheet
415Kb / 2P
Solid-State, Compact Industrial Computer
RELIOR3 SEALEVEL-RELIOR3 Datasheet
350Kb / 2P
Relio R3 Configurable 3U Rackmount Industrial Computer
RELIOR9 SEALEVEL-RELIOR9 Datasheet
717Kb / 2P
Relio R9™ RISC Embedded Computing
More results


Similar Description - RELIOR4

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
ARC-615M AAEON-ARC-615M Datasheet
421Kb / 2P
1U Rackmount Chassis, Industrial ATX/ uATX Motherboard
logo
Axiomtek Co., Ltd.
AX61131TM AXIOMTEK-AX61131TM Datasheet
231Kb / 2P
1U Rackmount Chassis for ATX Motherboard
logo
AAEON Technology
FWS-7810 AAEON-FWS-7810 Datasheet
307Kb / 2P
1U Rackmount 8 LAN Ports Network Appliance
logo
List of Unclassifed Man...
B004-008 ETC2-B004-008 Datasheet
480Kb / 4P
8-Port 1U Rackmount KVM Switch
logo
Axiomtek Co., Ltd.
AX61120TP AXIOMTEK-AX61120TP_16 Datasheet
431Kb / 2P
1U Rackmount Chassis for full-size SBC
AX61132TM AXIOMTEK-AX61132TM_16 Datasheet
304Kb / 2P
1U Rackmount Chassis for ATX Motherboard
AX61120TP AXIOMTEK-AX61120TP_17 Datasheet
429Kb / 2P
1U Rackmount Chassis for full-size SBC
logo
Moxa Inc.
DA-681A MOXA-DA-681A Datasheet
1Mb / 6P
IEC-61850, 1U rackmount computer with 6 Gigabit Ethernet
logo
Lanner All Rights Reser...
NCA-5530 LANNER-NCA-5530 Datasheet
413Kb / 2P
1U 19” Rackmount Network Appliance Built 1U 19” Rackmount Network Appliance Built Processors (Codenamed Ice Lake SP)
V1-2021.11.17
logo
EDA Technology Co.,LTD
ED-IPC2200 EDATEC-ED-IPC2200 Datasheet
612Kb / 6P
High Configurable Industrial Computer Based on Rasberry Pi CM4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com