Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDP142I Datasheet (PDF) - Texas Instruments

TDP142I Datasheet PDF - Texas Instruments
Part # TDP142I
Download  TDP142I Download
File Size   976.22 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TDP142 DisplayPortTM 8.1 Gbps Linear Redriver

TDP142I Datasheet (PDF)

Go To PDF Page Download Datasheet
TDP142I Datasheet PDF - Texas Instruments

Part # TDP142I
Download  TDP142I Click to download

File Size   976.22 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TDP142 DisplayPortTM 8.1 Gbps Linear Redriver

TDP142I Datasheet (HTML) - Texas Instruments


TDP142I Product details

1 Features
1• DisplayPort™ 1.4 up to 8.1 Gbps (HBR3)
• Ultra-low-power architecture
• Linear redriver with up to 14 dB equalization
• Transparent to DisplayPort link training
• Configuration through GPIO or I2C
• Hot-Plug capable
• Support DisplayPort dual-mode standard version
1.1 (AC-coupled HDMI)
• Industrial temperature range: -40ºC to 85ºC
(TDP142I)
• Commercial temperature range: 0ºC to 70ºC
(TDP142)
• 4 mm x 6 mm, 0.4 mm Pitch WQFN package

2 Applications
• Tablets, notebooks, desktops, PC
• Active cables
• Monitors
• Docking stations

3 Description
The TDP142 is a DisplayPortTM(DP) linear redriver
that is able to snoop AUX and HPD signals. The
device complies with the VESA DisplayPort standard
Version 1.4, and supports a 1-4 lane Main Link
interface signaling up to HBR3 (8.1 Gbps per lane).
Additionally, this device is position independent. It
can be placed inside source, cable or sink effectively
providing a "negative loss" component to the overall
link budget.
The TDP142 provides several levels of receive linear
equalization to compensate for cable and board trace
loss due to inter symbol interference (ISI). Operates
on a single 3.3 V supply and comes in a commercial
temperature range (TDP142) and industrial
temperature range (TDP142I).




Similar Part No. - TDP142I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDP142I TI1-TDP142I Datasheet
866Kb / 34P
DisplayPort 8.1 Gbps Linear Redriver
TDP142I TI2-TDP142I Datasheet
976Kb / 36P
TDP142 DisplayPortTM 8.1 Gbps Linear Redriver
REVISED MAY 2019
TDP142IRNQR TI1-TDP142IRNQR Datasheet
866Kb / 34P
DisplayPort 8.1 Gbps Linear Redriver
TDP142IRNQR TI2-TDP142IRNQR Datasheet
976Kb / 36P
TDP142 DisplayPortTM 8.1 Gbps Linear Redriver
REVISED MAY 2019
TDP142IRNQR.A TI2-TDP142IRNQR.A Datasheet
976Kb / 36P
TDP142 DisplayPortTM 8.1 Gbps Linear Redriver
REVISED MAY 2019
More results


Similar Description - TDP142I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65DP141 TI1-SN65DP141 Datasheet
920Kb / 32P
DisplayPort Linear Redriver
TUSB1002 TI1-TUSB1002 Datasheet
1Mb / 28P
USB3.1 10 Gbps Dual-Channel Linear Redriver
TUSB544 TI1-TUSB544 Datasheet
2Mb / 60P
USB TYPE-C 8.1 Gbps Multi-Protocol Linear Redriver
TDP142 TI1-TDP142 Datasheet
866Kb / 34P
DisplayPort 8.1 Gbps Linear Redriver
TUSB564 TI1-TUSB564 Datasheet
1Mb / 45P
USB TYPE-C DP Alt Mode 8.1 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB1002A TI1-TUSB1002A Datasheet
1Mb / 31P
USB3.2 10 Gbps Dual-Channel Linear Redriver
TUSB564 TI1-TUSB564_18 Datasheet
2Mb / 50P
USB TYPE-C DP Alt Mode 8.1 Gbps Sink-Side Linear Redriver Crosspoint Switch
DS160PR810 TI-DS160PR810 Datasheet
1Mb / 34P
DS160PR810 PCIe 4.0 16-Gbps 8-Channel Linear Redriver
logo
NXP Semiconductors
PTN38007 NXP-PTN38007 Datasheet
808Kb / 59P
Multi-protocol USB4 20 Gbps linear redriver
Rev.2.1 - 8 December 2021
logo
Texas Instruments
DS160PR1601 TI1-DS160PR1601 Datasheet
2Mb / 39P
DS160PR1601 16 Gbps 16 Lane Linear Redriver
FEBRUARY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com