Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL40225 Datasheet (PDF) - Microsemi Corporation

ZL40225 Datasheet PDF - Microsemi Corporation
Part # ZL40225
Download  ZL40225 Download
File Size   559.03 Kbytes
Page   25 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Precision 2:8 LVPECL Fanout Buffer with Simple Input Reference Switching

ZL40225 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZL40225 Datasheet PDF - Microsemi Corporation

Part # ZL40225
Download  ZL40225 Click to download

File Size   559.03 Kbytes
Page   25 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Precision 2:8 LVPECL Fanout Buffer with Simple Input Reference Switching

ZL40225 Datasheet (HTML) - Microsemi Corporation


ZL40225 Product details

Features
Inputs/Outputs
•Accepts two differential or single-ended inputs
• LVPECL, LVDS, CML, HCSL, LVCMOS
•On-chip input termination resistors and biasing for AC coupled inputs
•Eight precision LVPECL outputs
•Operating frequency up to 750 MHz
Power
•Options for 2.5 V or 3.3 V power supply
•Core current consumption of 122 mA
•On-chip Low Drop Out (LDO) Regulator for superior power supply rejection
Performance
•Ultra low additive jitter of 33 fs RMS
Applications
•General purpose clock distribution
•Low jitter clock trees
•Logic translation
•Clock and data signal restoration
•Redundant clock distribution
•Wired communications: OTN, SONET/SDH, GE, 10 GE, FC and 10G FC
•PCI Express generation 1/2/3 clock distribution
•Wireless communications
•High performance microprocessor clock distribution




Similar Part No. - ZL40225

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
ZL40220 MICROSEMI-ZL40220 Datasheet
515Kb / 24P
Precision 2:6 LVDS Fanout Buffer with Glitch-free Input Reference Switching
April 2014
ZL40220LDF1 MICROSEMI-ZL40220LDF1 Datasheet
515Kb / 24P
Precision 2:6 LVDS Fanout Buffer with Glitch-free Input Reference Switching
April 2014
ZL40220LDG1 MICROSEMI-ZL40220LDG1 Datasheet
515Kb / 24P
Precision 2:6 LVDS Fanout Buffer with Glitch-free Input Reference Switching
April 2014
ZL40221 MICROSEMI-ZL40221 Datasheet
818Kb / 24P
Precision 2:6 LVDS Fanout Buffer with Glitchfree Input Reference Switching and On-Chip Input Termination
April 2014
ZL40221LDF1 MICROSEMI-ZL40221LDF1 Datasheet
818Kb / 24P
Precision 2:6 LVDS Fanout Buffer with Glitchfree Input Reference Switching and On-Chip Input Termination
April 2014
More results


Similar Description - ZL40225

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89858U MICREL-SY89858U Datasheet
956Kb / 10P
PRECISION LOW POWER 1:8 LVPECL FANOUT BUFFER WITH INTERNAL TERMINATION
SY58607U MICREL-SY58607U Datasheet
667Kb / 13P
3.2Gbps Precision, 1:2 LVPECL Fanout Buffer with Internal Termination and Fail Safe Input
SY89837U MICREL-SY89837U Datasheet
183Kb / 14P
PRECISION 1:8 LVPECL FANOUT BUFFER WITH 2:1 RUNT PULSE ELIMINATOR INPUT MUX
SY89858U MICREL-SY89858U_07 Datasheet
510Kb / 10P
Precision Low Power 1:8 LVPECL Fanout Buffer with Internal Termination
SY89837U MICREL-SY89837U_10 Datasheet
1Mb / 14P
PRECISION 1:8 LVPECL FANOUT BUFFER WITH 2:1 RUNT PULSE ELIMINATOR INPUT MUX
SY89221U_0708 MICREL-SY89221U_0708 Datasheet
834Kb / 17P
Precision 1:15 LVPECL Fanout Buffer with
SY89202U MICREL-SY89202U_10 Datasheet
625Kb / 13P
Precision 1:8 LVPECL Fanout Buffer with
SY58033U MICREL-SY58033U_11 Datasheet
715Kb / 9P
ULTRA-PRECISION 1:8 fanout buffer WITH 400mV LVPECL outputs
SY58038U MICREL-SY58038U_15 Datasheet
1Mb / 14P
Ultra-Precision, 8:1 MUX with Internal Termination and 1:2 LVPECL Fanout Buffer
logo
Microsemi Corporation
ZL40221 MICROSEMI-ZL40221 Datasheet
818Kb / 24P
Precision 2:6 LVDS Fanout Buffer with Glitchfree Input Reference Switching and On-Chip Input Termination
April 2014
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com