Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT2B93BAS Datasheet (PDF) - Infineon Technologies AG

CYT2B93BAS Datasheet PDF - Infineon Technologies AG
Part # CYT2B93BAS
Download  CYT2B93BAS Download
File Size   1445.38 Kbytes
Page   165 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description TRAVEO™ T2G 32-bit Automotive MCU

CYT2B93BAS Datasheet (PDF)

Go To PDF Page Download Datasheet
CYT2B93BAS Datasheet PDF - Infineon Technologies AG

Part # CYT2B93BAS
Download  CYT2B93BAS Click to download

File Size   1445.38 Kbytes
Page   165 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description TRAVEO™ T2G 32-bit Automotive MCU

CYT2B93BAS Datasheet (HTML) - Infineon Technologies AG


CYT2B93BAS Product details

Features
• Dual CPU subsystem
- 160-MHz (max) 32-bit Arm® Cortex®-M4F CPU with
• Single-cycle multiply
• Single-precision floating point unit (FPU)
• Memory protection unit (MPU)
- 100-MHz (max) 32-bit Arm® Cortex® M0+ CPU with
• Single-cycle multiply
• Memory protection unit
- Inter-processor communication in hardware
- Three DMA controllers
• Peripheral DMA controller #0 (P-DMA0) with 92 channels
• Peripheral DMA controller #1 (P-DMA1) with 44 channels
• Memory DMA controller #0 (M-DMA0) with 4 channels

• Integrated memories
- 2112-KB of code-flash with an additional 128-KB of work-flash
• Read-While-Write (RWW) allows updating the code-flash/work-flash while executing code from it
• Single- and dual-bank modes (specifically for Firmware update Over The Air [FOTA])
• Flash programming through SWD/JTAG interface
- 256-KB of SRAM with selectable retention granularity

• Crypto engine[1]
- Supports Enhanced Secure Hardware Extension (eSHE) and Hardware Security Module (HSM)
- Secure boot and authentication
• Using digital signature verification
• Using fast secure boot
- AES: 128-bit blocks, 128-/192-/256-bit keys
- 3DES[2]: 64-bit blocks, 64-bit key
- Vector unit[2] supporting asymmetric key cryptography such as Rivest-Shamir-Adleman (RSA) and Elliptic
Curve (ECC)
- SHA-1/2/3[2]: SHA-512, SHA-256, SHA-160 with variable length input data
- CRC[2]: supports CCITT CRC16 and IEEE-802.3 CRC32
- True random number generator (TRNG) and pseudo random number generator (PRNG)
- Galois/Counter Mode (GCM)




Similar Part No. - CYT2B93BAS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CYT2B9 INFINEON-CYT2B9 Datasheet
1Mb / 168P
32-bit Arm® Cortex®-M4F microcontroller TRAVEO™ T2G family
October 13, 2021
CYT2B95CAS INFINEON-CYT2B95CAS Datasheet
1Mb / 168P
32-bit Arm® Cortex®-M4F microcontroller TRAVEO™ T2G family
October 13, 2021
CYT2B97BAE INFINEON-CYT2B97BAE Datasheet
1Mb / 168P
32-bit Arm® Cortex®-M4F microcontroller TRAVEO™ T2G family
October 13, 2021
More results


Similar Description - CYT2B93BAS

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6J32BA CYPRESS-S6J32BA Datasheet
2Mb / 179P
32-bit Microcontroller Traveo??Family
S6J32DA CYPRESS-S6J32DA Datasheet
2Mb / 179P
32-bit Microcontroller Traveo??Family
S6J327C CYPRESS-S6J327C Datasheet
2Mb / 179P
32-bit Microcontroller Traveo??Family
S6J328C CYPRESS-S6J328C Datasheet
2Mb / 179P
32-bit Microcontroller Traveo??Family
logo
Infineon Technologies A...
CYT4BF INFINEON-CYT4BF Datasheet
2Mb / 217P
TRAVEO??T2G 32-bit Automotive MCU
Rev. *J 2022-02-18
CYT2BL INFINEON-CYT2BL Datasheet
1Mb / 168P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M4F-single
Rev. E 2022-02-16
CYT3DL INFINEON-CYT3DL Datasheet
3Mb / 207P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 single
Rev. H 2023-03-03
CYT4DN INFINEON-CYT4DN Datasheet
4Mb / 209P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
Rev. I 2023-02-14
CYT2CL INFINEON-CYT2CL Datasheet
1Mb / 174P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M4F single
Rev. F 2022-10-20
CYT2B7 INFINEON-CYT2B7 Datasheet
2Mb / 167P
TRAVEO™ T2G 32-bit Automotive MCU
2023-07-12
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com