Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS22971 Datasheet (PDF) - Texas Instruments

TPS22971 Datasheet PDF - Texas Instruments
Part # TPS22971
Download  TPS22971 Download
File Size   929.11 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS22971 3.6-V, 3-A, 6.7-mΩ On-Resistance Load Switch with Adjustable Fast Turn-ON and Power Good

TPS22971 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS22971 Datasheet PDF - Texas Instruments

Part # TPS22971
Download  TPS22971 Click to download

File Size   929.11 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS22971 3.6-V, 3-A, 6.7-mΩ On-Resistance Load Switch with Adjustable Fast Turn-ON and Power Good

TPS22971 Datasheet (HTML) - Texas Instruments


TPS22971 Product details

1 Features
1• Input voltage range (VIN): 0.65 V to 3.6 V
• On-resistance
– RDS(on) = 6.7 mΩ (typical) at VIN ≥ 1.8 V
– RDS(on) = 7.2 mΩ (typical) at VIN = 1.05 V
– RDS(on) = 8.9 mΩ (typical) at VIN = 0.65 V
• Maximum continuous switch current (IMAX): 3 A
• ON state (IQ): 30 μA (typical) at 3.6 VIN
• OFF state (ISD): 1 μA (typical) at 3.6 VIN
• Adjustable slew rate through CT pin
– Fast turn-ON ≤ 65 μs at VIN = 1 V
• Power good (PG) indicator after switch turn ON
• Low threshold enable (ON) of 0.9 V (VIH) supports
use of low voltage control logic
• Thermal shutdown (TSD)
• Quick output discharge (QOD): 150-Ω (typical)

2 Applications
• PC & notebooks
• Tablets
• Computer on modules
• Optical modules
• Data storage

3 Description
The TPS22971 is a space-saving single-channel load
switch with controlled and adjustable turn-on slew
rate and an integrated power good indicator. the
device contains an n-channel mosfet that can operate
over a low input voltage range of 0.65 v to 3.6 V and
can support a maximum continuous current of 3 A. A
low on-resistance of 6.7-mΩ minimizes the power
loss and voltage drop across the load switch. The
switch is controlled by an on and off input (ON),
which is capable of interfacing directly with lowvoltage
control signals.
By default, the TPS22971 has a fast turn-on time to
minimize system startup and wait time. The
adjustable slew rate can also be reduced to limit
inrush current. A power good (PG) signal internally
monitors the gate threshold and indicates when the
switch is fully on. When the switch is disabled, a 150-
Ω on-chip resistor quickly discharges the output to
ground and keeps it from floating.
The TPS22971 is available in an ultra-small, space
saving 8-pin WCSP package and is characterized for
operation over the free-air temperature range of
–40°C to 105°C and integrates thermal shutdown to
turn off in case of overheating.




Similar Part No. - TPS22971

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22971 TI1-TPS22971 Datasheet
427Kb / 20P
3.6-V, 3-A, 7.5-m(ohm) On-Resistance Load Switch With Adjustable Fast Turnon and Power Good
TPS22971YZPR TI1-TPS22971YZPR Datasheet
427Kb / 20P
3.6-V, 3-A, 7.5-m(ohm) On-Resistance Load Switch With Adjustable Fast Turnon and Power Good
TPS22971YZPT TI1-TPS22971YZPT Datasheet
427Kb / 20P
3.6-V, 3-A, 7.5-m(ohm) On-Resistance Load Switch With Adjustable Fast Turnon and Power Good
More results


Similar Description - TPS22971

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5010 GMT-G5010 Datasheet
75Kb / 1P
Dual-Low On-Resistance Load Switch with Controlled Turn-On
logo
Texas Instruments
TPS22925 TI1-TPS22925 Datasheet
629Kb / 25P
3.6-V, 3-A, 9Ohm On-Resistance Load Switch
TPS22971 TI1-TPS22971 Datasheet
427Kb / 20P
3.6-V, 3-A, 7.5-m(ohm) On-Resistance Load Switch With Adjustable Fast Turnon and Power Good
TPS22963C TI-TPS22963C_V01 Datasheet
1Mb / 28P
TPS2296xC 5.5-V, 3-A, 13-mΩ On-Resistance Load Switch With Reverse Current Protection and Controlled Turn-On
REVISED JANUARY 2015
TPS22995 TI-TPS22995 Datasheet
882Kb / 26P
TPS22995 5.5-V, 3.8-A, 18-mΩ On-Resistance Load Switch with Adjustable Rise Time
DECEMBER 2022
TPS22995 TI-TPS22995_V01 Datasheet
1Mb / 30P
TPS22995 5.5-V, 3.8-A, 18-mΩ On-Resistance Load Switch with Adjustable Rise Time
DECEMBER 2022
TPS22997 TI-TPS22997 Datasheet
1,013Kb / 25P
TPS22997 5.5-V, 10-A, 4-mΩ On-Resistance Load Switch with Adjustable Rise Time
DECEMBER 2022
logo
Renesas Technology Corp
SLG5NT1533V RENESAS-SLG5NT1533V Datasheet
635Kb / 16P
20 mΩ, Fast Turn On, 2.5 A Load Switch with Discharge
3-Feb-2022
logo
Texas Instruments
TPS22999 TI-TPS22999 Datasheet
1Mb / 26P
TPS22999 4.5-V, 1.5-A, 7.5-mΩ On-Resistance Fast Turn-On Load Switch With Regulated Inrush Current
SEPTEMBER 2023
TPS22999 TI1-TPS22999_V01 Datasheet
877Kb / 27P
TPS22999 4.5-V, 1.5-A, 7.5-mΩ On-Resistance Fast Turn-On Load Switch With Regulated Inrush Current
REVISED NOVEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com