Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS5124 Datasheet (PDF) - Texas Instruments

TPS5124 Datasheet PDF - Texas Instruments
Part # TPS5124
Download  TPS5124 Download
File Size   626.92 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER

TPS5124 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS5124 Datasheet PDF - Texas Instruments

Part # TPS5124
Download  TPS5124 Click to download

File Size   626.92 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER

TPS5124 Datasheet (HTML) - Texas Instruments


TPS5124 Product details

FEATURES
High Efficiency − No Current Sense Resistor
Required, RDS(on) Overcurrent Detection with
Temperature Compensation
Adjustable Output Voltage Down to 0.9 V
Voltage-Mode PWM Control: Maximum
500-kHz Operation
180° Out-of-Phase Control
Individual Standby and Soft-Start for Each
Channel − Easy Power Sequencing
Overvoltage and Undervoltage Protection
Built-In Boot-Strap Diode
Built-In 5-V Linear Regulator
Accurate ± 1% 0.85-V Reference

APPLICATIONS
Consumer Game Systems
DSP Applications
Digital Set-Top Box
VGA and Sound Cards

DESCRIPTION
The TPS5124 is dual independent high efficiency
synchronous step-down controller. It supports a
low-voltage/high-current power supply applica−
tions that use either a 5-V or 12-V bus voltage.
Since both controllers of the TPS5124 operate
180 degree out-of-phase, the input current ripple
is minimized resulting in a smaller input
capacitance and reduced power supply cost.
The current protection circuit detects the
drain-to-source voltage drop across the high-side
and low-side power MOSFET while it is
conducting. Also, the current protection circuit has
a temperature coefficient to compensate for the
RDS(on) variation of the MOSFET. This
resistor-less current protection and built-in boost
diode simplify the system design and reduces the
external parts count. Other features such as
undervoltage lockout, overvoltage, undervoltage,
and programmable short-circuit protection
promote system reliability.




Similar Part No. - TPS5124

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5124 TI-TPS5124 Datasheet
265Kb / 16P
DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
TPS5124 TI-TPS5124 Datasheet
271Kb / 18P
DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
TPS5124DBT TI-TPS5124DBT Datasheet
265Kb / 16P
DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
TPS5124DBT TI-TPS5124DBT Datasheet
271Kb / 18P
DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
TPS5124DBTG4 TI-TPS5124DBTG4 Datasheet
271Kb / 18P
DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
More results


Similar Description - TPS5124

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5124 TI-TPS5124 Datasheet
265Kb / 16P
DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
logo
Anpec Electronics Corop...
APW7060 ANPEC-APW7060 Datasheet
179Kb / 16P
Dual Controllers - Step Down Synchronous PWM and Linear Controller
logo
Exar Corporation
SP6134 EXAR-SP6134 Datasheet
776Kb / 15P
600kHz Synchronous PWM Step Down Controller
logo
Texas Instruments
TPS5124 TI-TPS5124_15 Datasheet
271Kb / 18P
DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
Synchronous Step-down PWM Controller
June 4, 2015
ISL8117A INTERSIL-ISL8117A Datasheet
915Kb / 23P
Synchronous Step-Down PWM Controller
August 31, 2015
logo
Exar Corporation
SP6123 EXAR-SP6123 Datasheet
155Kb / 18P
Synchronous Step-Down PWM Controller
SP6128A EXAR-SP6128A Datasheet
131Kb / 10P
Synchronous Step Down PWM Controller
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
Synchronous Step-Down PWM Controller
ISL8117A RENESAS-ISL8117A Datasheet
1Mb / 23P
Synchronous Step-Down PWM Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com