Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7290A Datasheet (PDF) - Richtek Technology Corporation

RT7290A Datasheet PDF - Richtek Technology Corporation
Part # RT7290A
Download  RT7290A Download
File Size   292.95 Kbytes
Page   19 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 6A, 23V, 500kHz, ACOT® Synchronous Buck Converter with LDO for System 3.3V

RT7290A Datasheet (PDF)

Go To PDF Page Download Datasheet
RT7290A Datasheet PDF - Richtek Technology Corporation

Part # RT7290A
Download  RT7290A Click to download

File Size   292.95 Kbytes
Page   19 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 6A, 23V, 500kHz, ACOT® Synchronous Buck Converter with LDO for System 3.3V

RT7290A Datasheet (HTML) - Richtek Technology Corporation


RT7290A Product details

General Description
The RT7290A is a synchronous Buck converter with
Advanced Constant On-Time (ACOT® ) mode control. The
main control loop of the RT7290A uses an ACOT® mode
control which provides a very fast transient response with
no external compensators. The RT7290A operates from
5V to 23V input voltage, provides a 3.3V LDO and a 300kHz
CLK to drive an external charge pump. OCP, UVP and
OVP are included in the RT7290A. This IC also provides
a 1.5ms internal soft-start function and an open-drain power
good indicator.

Applications
 Laptop Computers
 Tablet PCs
 Networking Systems
 Servers
 Personal Video Recorders
 Flat Panel Television and Monitors
 Distributed Power Systems

Features
 5V to 23V Input Voltage Range
 PWM Frequency Fixed 500kHz
 ACOT® Mode Performs Fast Transient Response
 Integrated MOSFETs
 31mΩ of High-Side MOSFET
 20mΩ of Low-Side MOSFET
 Support Output MLCC Stable
 Internal Soft-Start (1.5ms typ)
 Built-in OVP/UVP/OCP
 Power Good Indicator
 Fixed 300kHz VCLK to Support Charge Pump
 Individual EN for PWM and LDO
 Thermal Shutdown




Similar Part No. - RT7290A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7294CGJ6F RICHTEK-RT7294CGJ6F Datasheet
909Kb / 10P
Evaluation Board
RT7295CGJ6F RICHTEK-RT7295CGJ6F Datasheet
944Kb / 10P
Evaluation Board
RT7295D RICHTEK-RT7295D Datasheet
218Kb / 14P
The RT7295D is a synchronous step-down converter
RT7296C RICHTEK-RT7296C Datasheet
803Kb / 13P
The RT7296C is a high-efficiency
RT7296F RICHTEK-RT7296F Datasheet
677Kb / 16P
3A, 17V Current Mode Synchronous Step-Down Converter
September 2023
More results


Similar Description - RT7290A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP65251 DIODES-AP65251 Datasheet
745Kb / 19P
ACOT SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 1
logo
Lite-On Technology Corp...
LSP5526 LITEON-LSP5526 Datasheet
605Kb / 15P
2A 23V Synchronous Buck Converter
logo
Richtek Technology Corp...
RT5750A RICHTEK-RT5750A Datasheet
1Mb / 27P
6V 1A, ACOT® Buck Converter
May 2020
RT6220 RICHTEK-RT6220 Datasheet
259Kb / 20P
6A, 23V, 500kHz, ACOT® Synchronous Buck Converter
July 2020
RT6226A RICHTEK-RT6226A Datasheet
435Kb / 26P
6A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
September 2019
RT6310 RICHTEK-RT6310 Datasheet
1Mb / 54P
10A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
August 2023
RT6316B RICHTEK-RT6316B Datasheet
405Kb / 25P
6A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
November 2020
RT6318B RICHTEK-RT6318B Datasheet
399Kb / 25P
8A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
December 2021
RT6256B RICHTEK-RT6256B Datasheet
411Kb / 24P
6A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
November 2020
RT6258B RICHTEK-RT6258B Datasheet
402Kb / 24P
8A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
November 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com