Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT70SM70J Datasheet (PDF) - Inchange Semiconductor Company Limited

APT70SM70J Datasheet PDF - Inchange Semiconductor Company Limited
Part # APT70SM70J
Download  APT70SM70J Download
File Size   567.38 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description SiC N-Channel MOSFET

APT70SM70J Datasheet (PDF)

Go To PDF Page Download Datasheet
APT70SM70J Datasheet PDF - Inchange Semiconductor Company Limited

Part # APT70SM70J
Download  APT70SM70J Click to download

File Size   567.38 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description SiC N-Channel MOSFET

APT70SM70J Datasheet (HTML) - Inchange Semiconductor Company Limited


APT70SM70J Product details

DESCRIPTION
· Drain Current -ID= 43A@ TC=25℃
· Drain Source Voltage
-VDSS= 700V(Min)
· Static Drain-Source On-Resistance
-RDS(on) = 90mΩ(Max)@VGS= 20V
APPLICATIONS
· PV Inverter and Industrial Motor Drives
· Converter
· High Speed Power Switching Applications




Similar Part No. - APT70SM70J

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT70GR120B2 MICROSEMI-APT70GR120B2 Datasheet
2Mb / 44P
Power Semiconductors Power Modules
APT70GR120B2 MICROSEMI-APT70GR120B2 Datasheet
2Mb / 44P
Power Semiconductors Power Modules RF Power MOSFETs
APT70GR120J MICROSEMI-APT70GR120J Datasheet
2Mb / 44P
Power Semiconductors Power Modules
APT70GR120J MICROSEMI-APT70GR120J Datasheet
2Mb / 44P
Power Semiconductors Power Modules RF Power MOSFETs
APT70GR120JD60 MICROSEMI-APT70GR120JD60 Datasheet
2Mb / 44P
Power Semiconductors Power Modules
More results


Similar Description - APT70SM70J

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCF8001 ISC-ISCF8001 Datasheet
751Kb / 5P
SiC N-Channel MOSFET
2023-8-18
GA50JT12 ISC-GA50JT12 Datasheet
375Kb / 3P
SiC N-Channel MOSFET
2023-9-26
ISF1017 ISC-ISF1017 Datasheet
786Kb / 7P
SiC N-Channel MOSFET
ISCF8011 ISC-ISCF8011 Datasheet
874Kb / 8P
SiC N-Channel MOSFET
C3M0065100J ISC-C3M0065100J Datasheet
399Kb / 4P
SiC N-Channel MOSFET
SCT070W120G3AG ISC-SCT070W120G3AG Datasheet
1,021Kb / 7P
SiC N-Channel MOSFET
SCT20N170AG ISC-SCT20N170AG Datasheet
357Kb / 2P
SiC N-Channel MOSFET
C3M0075120K ISC-C3M0075120K Datasheet
374Kb / 4P
SiC N-Channel MOSFET
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com