Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS53689 Datasheet (PDF) - Texas Instruments

TPS53689 Datasheet PDF - Texas Instruments
Part # TPS53689
Download  TPS53689 Download
File Size   524.61 Kbytes
Page   8 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS53689 Dual-channel (N M ≤ 8 phase) D-CAP™, Step-down, Multiphase Controller with PMBus and VR14 SVID Interfaces

TPS53689 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS53689 Datasheet PDF - Texas Instruments

Part # TPS53689
Download  TPS53689 Click to download

File Size   524.61 Kbytes
Page   8 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS53689 Dual-channel (N M ≤ 8 phase) D-CAP™, Step-down, Multiphase Controller with PMBus and VR14 SVID Interfaces

TPS53689 Datasheet (HTML) - Texas Instruments


TPS53689 Product details

1 Features
• Input voltage range: 4.5 V to 17 V
• Output voltage range: 0.25 V to 5.5 V
• Dual output supporting N+M phase configurations
(N+M ≤ 8, M ≤ 4)
• Intel® VR14 SVID compliant with PSYS support
• Backward compatible to VR13.HC/VR13.0 SVID
• Automatic NVM fault status logging
• Dynamic current limit for improved Fast-Vmode
performance
• Fully compatible with TI NexFET™ power stage for
high-density solutions
• Enhanced D-CAP+ control to provider superior
transient performance with excellent dynamic
current sharing
• Dynamic phase shedding with programmable
thresholds for optimizing efficiency at light and
heavy loads
• Configurable with non-volatile memory (NVM) for
low external component count
• Accurate, adjustable, adaptive voltage positioning
(AVP, load line) support
• Individual per-phase IMON calibration, with multislope
gain calibration to increase system accuracy.
• Fast phase-adding for transient undershoot
reduction
• Diode braking with programmable timeout for
reduced transient overshoot
• Patented AutoBalance™ current sharing
• Programmable per-phase valley current limit
(OCL)
• PMBus™ v1.3.1 system interface for telemetry of
voltage, current, power, temperature, and fault
conditions
• Programmable loop compensation through PMBus
• Driverless configuration for efficient highfrequency
switching
• 5.00 mm × 5.00 mm, 40-pin, QFN package

2 Applications
• Data center & enterprise computing rack server
• Hardware accelerator
• Network interface card (NIC)
• ASIC and high performance client

3 Description
The TPS53689 is a VR14 SVID compliant step
down controller with two channels, built-in non-volatile
memory (NVM), and PMBus™ interface, and is fully
compatible with TI NexFET™ power stages. Advanced
control features such as the D-CAP+ architecture with
undershoot reduction (USR) and overshoot reduction
OSR) provide fast transient response, low output
capacitance, and good dynamic current sharing.
The device also provides novel phase interleaving
strategy and dynamic phase shedding for efficiency
improvement at different loads. Adjustable control
of output voltage slew rate and adaptive voltage
positioning are natively supported. In addition, the
device supports the PMBus communication interface
for reporting the telemetry of voltage, current, power,
temperature, and fault conditions to the host system.
All programmable parameters can be configured
through the PMBus interface and can be stored in
NVM as the new default values, to minimize the
external component count.
The TPS53689 device is offered in a thermally
enhanced 40-pin QFN packaged and is rated to
operate from –40°C to 125°C.




Similar Part No. - TPS53689

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53689 TI-TPS53689 Datasheet
525Kb / 8P
TPS53689 Dual-channel (N M ??8 phase) D-CAP?? Step-down, Multiphase Controller with PMBus and VR14 SVID Interfaces
JUNE 2021
TPS53689RSBR TI-TPS53689RSBR Datasheet
525Kb / 8P
TPS53689 Dual-channel (N M ??8 phase) D-CAP?? Step-down, Multiphase Controller with PMBus and VR14 SVID Interfaces
JUNE 2021
TPS53689RSBT TI-TPS53689RSBT Datasheet
525Kb / 8P
TPS53689 Dual-channel (N M ??8 phase) D-CAP?? Step-down, Multiphase Controller with PMBus and VR14 SVID Interfaces
JUNE 2021
TPS53689T TI-TPS53689T Datasheet
546Kb / 6P
TPS53689T Dual-channel (N M ≤ 8 phase) D-CAP™, Step-down, Multiphase Controllers with TLVR support, PMBus and VR14 SVID Interfaces
SEPTEMBER 2023
TPS53689T TI2-TPS53689T Datasheet
514Kb / 6P
TPS53689T Dual-channel (N M ≤ 8 phase) D-CAP™, Step-down, Multiphase Controllers with TLVR support, PMBus and VR14 SVID Interfaces
SEPTEMBER 2023
More results


Similar Description - TPS53689

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53688 TI1-TPS53688 Datasheet
200Kb / 8P
TPS53688 Dual-Channel (N M ??8 phase) D-CAP?? Step-Down, Digital Multiphase Controller with VR13.HC SVID
TPS536C7 TI-TPS536C7 Datasheet
6Mb / 147P
TPS536C7B1 Dual-Channel D-CAP?? Dual-Channel (NM ??12 Phases) Step-Down, Multiphase Controller with PMBus??Interface
TPS53676 TI-TPS53676 Datasheet
5Mb / 143P
TPS53676 Dual-Channel D-CAP?? (NM ??7 Phases) Step-Down, Multiphase Controller with AVSBus??and PMBus??Interfaces
TPS536C9 TI-TPS536C9 Datasheet
568Kb / 8P
TPS536C9 Dual-channel (N M ??12 phase) D-CAP?? Step-down, Multiphase Controller with PMBus and VR14 SVID Interfaces
JUNE 2021
TPS53689 TI-TPS53689 Datasheet
525Kb / 8P
TPS53689 Dual-channel (N M ??8 phase) D-CAP?? Step-down, Multiphase Controller with PMBus and VR14 SVID Interfaces
JUNE 2021
TPS536C9 TI-TPS536C9_V01 Datasheet
1Mb / 11P
TPS536C9 Dual-channel (N M ??12 phase) D-CAP?? Step-down, Multiphase Controller with PMBus and VR14 SVID Interfaces
DECEMBER 2021
TPS53685 TI-TPS53685 Datasheet
1Mb / 11P
TPS53685 Dual-Channel (N M ≤ 8 phase) D-CAP™, Step-Down, Multiphase Controller with AMD-SVI3 and PMBus Interfaces
DECEMBER 2022
TPS536C5 TI-TPS536C5 Datasheet
872Kb / 14P
TPS536C5 Dual-Channel (N M ≤ 12 phase) D-CAP™, Step-Down, Multiphase Controller with AMD-SVI3 and PMBus Interfaces
DECEMBER 2022
TPS53689T TI-TPS53689T Datasheet
546Kb / 6P
TPS53689T Dual-channel (N M ≤ 8 phase) D-CAP™, Step-down, Multiphase Controllers with TLVR support, PMBus and VR14 SVID Interfaces
SEPTEMBER 2023
TPS536C9T TI-TPS536C9T Datasheet
712Kb / 9P
TPS536C9T Dual-channel (N M ≤ 12 phase) D-CAP™, Step-down, Multiphase Controllers with TLVR support, PMBus and VR14 SVID Interfaces
SEPTEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com